Electronic Components Datasheet Search
  English  ▼

X  

AD9761-EB Datasheet(PDF) 8 Page - Analog Devices

Part # AD9761-EB
Description  Dual 10-Bit TxDAC??with 2x Interpolation Filters
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9761-EB Datasheet(HTML) 8 Page - Analog Devices

Back Button AD9761-EB Datasheet HTML 4Page - Analog Devices AD9761-EB Datasheet HTML 5Page - Analog Devices AD9761-EB Datasheet HTML 6Page - Analog Devices AD9761-EB Datasheet HTML 7Page - Analog Devices AD9761-EB Datasheet HTML 8Page - Analog Devices AD9761-EB Datasheet HTML 9Page - Analog Devices AD9761-EB Datasheet HTML 10Page - Analog Devices AD9761-EB Datasheet HTML 11Page - Analog Devices AD9761-EB Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 23 page
background image
AD9761
–8–
REV. A
0
–10
–20
–30
–40
–50
–70
–60
–80
–90
START: 0Hz
STOP: 40MHz
–100
Figure 4. Single-Tone SFDR (DC to
2fDATA, fCLOCK = 2 fDATA)
fOUT – MHz
75
70
60
65
2.0
4.0
10.0
S/E 0dBFS
DIFF 0dBFS
S/E –6dBFS
DIFF –6dBFS
55
50
0
6.0
8.0
Figure 7. “Out-of-Band” SFDR vs. fOUT
(fDATA/2 to 3/2 fDATA)
fOUT – MHz
80
70
SFDR @ 10mA
65
2
75
60
55
0
SINAD @ 10mA
SFDR @ 5mA
SINAD @ 5mA
SFDR @ 2.5mA
SINAD @ 2.5mA
46
8
10
Figure 10. SINAD/SFDR vs. IOUTFS
(DC to fDATA/2, Differential Output)
Typical AC Characterization Curves @ +5 V Supplies
(AVDD = +5 V, DVDD = +5 V, 50
Doubly Terminated Load, TA = +25 C, fCLOCK = 40 MSPS, unless otherwise noted, worst of I or Q output
performance shown)
fOUT – MHz
65
60
50
55
0
2.0
10.0
4.0
6.0
8.0
10.5
9.67
8.01
8.84
S/E 0dBFS
DIFF 0dBFS
S/E –6dBFS
DIFF –6dBFS
Figure 5. SINAD (ENOBs) vs. fOUT (DC
to fDATA/2)
AOUT – dBFS
80
75
60
65
–25
–20
–5
SFDR @ 40MSPS
55
50
–30
–15
–10
SINAD @ 40MSPS
SFDR @ 20MSPS
SINAD @ 20MSPS
SFDR @ 10MSPS
SINAD @ 10MSPS
70
45
40
35
–0
Figure 8. SINAD vs. AOUT (DC to
fDATA/2, Differential Output)
fOUT – MHz
80
70
SFDR @ 10mA
65
2
75
60
55
0
SINAD @ 10mA
SFDR @ 5mA
SINAD @ 5mA
SFDR @ 2.5mA
SINAD @ 2.5mA
46
8
10
Figure 11. SINAD/SFDR vs. IOUTFS
(DC to fDATA/2, Single-Ended Output)
fOUT – MHz
80
75
65
70
0
5.0
10.0
S/E 0dBFS
DIFF 0dBFS
S/E –6dBFS
DIFF –6dBFS
Figure 6. SFDR vs. fOUT (DC to fDATA/2)
AOUT – dBFS
80
75
60
65
–25
–20
–5
SFDR @ 40MSPS
55
50
–30
–15
–10
SINAD @ 40MSPS
SFDR @ 20MSPS
SINAD @ 20MSPS
SFDR @ 10MSPS
SINAD @ 10MSPS
70
45
40
35
0
Figure 9. SINAD vs. AOUT (DC to
fDATA/2, Single-Ended Output)
–45
–65
–55
–75
–85
START: 0Hz
STOP: 20MHz
–105
–95
Figure 12. Wideband Spread-
Spectrum Spectral Plot (DC to fDATA)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com