Electronic Components Datasheet Search
  English  ▼

X  

AD9803 Datasheet(PDF) 10 Page - Analog Devices

Part # AD9803
Description  CCD Signal Processor For Electronic Cameras
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9803 Datasheet(HTML) 10 Page - Analog Devices

Back Button AD9803 Datasheet HTML 6Page - Analog Devices AD9803 Datasheet HTML 7Page - Analog Devices AD9803 Datasheet HTML 8Page - Analog Devices AD9803 Datasheet HTML 9Page - Analog Devices AD9803 Datasheet HTML 10Page - Analog Devices AD9803 Datasheet HTML 11Page - Analog Devices AD9803 Datasheet HTML 12Page - Analog Devices AD9803 Datasheet HTML 13Page - Analog Devices AD9803 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 19 page
background image
AD9803
–10–
REV. 0
–Typical Performance Characteristics
SAMPLE RATE – MHz
240
4
220
200
180
160
140
120
6
8
10
12
14
16
18
VDD = 3.3V
VDD = 3.0V
VDD = 2.8V
Figure 17. CCD-MODE Power vs. Clock Rate
TITLE
0.6
0
0.4
0.2
0.0
–0.2
–0.4
–0.6
150
300
450
600
750
900
1023
Figure 18. CCD-MODE DNL at 18 MHz
0
4
2
0
–2
–4
–6
150
300
450
600
750
900
1023
–8
Figure 19. CCD-MODE INL at 18 MHz
DIGITAL OUTPUT CODE – Decimal
800000
29
700000
600000
500000
400000
300000
200000
100000
0
30
31
32
33
34
35
36
37
38
39
= 0.8 LSB
Figure 20. CCD-MODE Grounded-Input Noise
(PGA Gain = MIN)
FREQUENCY – MHz
60
DC
12
3456789
50
40
30
20
10
0
–10
–20
–30
–40
–50
–60
5TH
4TH
2ND
3RD
FUND
THD = –38.7dB
Figure 21. AUX-MODE THD at 18 MHz
(fIN = 3.54 MHz at –3 dB)
FREQUENCY – MHz
60
DC
12
3456789
50
40
30
20
10
0
–10
–20
–30
–40
–50
–60
2ND
3RD
FUND
THD = –54.1dB
4TH
5TH
Figure 22. ADC-MODE at 18 MHz
(fIN = 3.54 MHz at –3 dB)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com