Electronic Components Datasheet Search
  English  ▼

X  

AD9803 Datasheet(PDF) 2 Page - Analog Devices

Part # AD9803
Description  CCD Signal Processor For Electronic Cameras
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9803 Datasheet(HTML) 2 Page - Analog Devices

  AD9803 Datasheet HTML 1Page - Analog Devices AD9803 Datasheet HTML 2Page - Analog Devices AD9803 Datasheet HTML 3Page - Analog Devices AD9803 Datasheet HTML 4Page - Analog Devices AD9803 Datasheet HTML 5Page - Analog Devices AD9803 Datasheet HTML 6Page - Analog Devices AD9803 Datasheet HTML 7Page - Analog Devices AD9803 Datasheet HTML 8Page - Analog Devices AD9803 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
REV. 0
AD9803–SPECIFICATIONS
–2–
GENERAL SPECIFICATIONS
Parameter
Min
Typ
Max
Units
TEMPERATURE RANGE
Operating
–20
70
°C
Storage
–65
150
°C
POWER SUPPLY VOLTAGE
(For Functional Operation)
Analog
2.7
3.0
3.6
V
Digital
2.7
3.0
3.6
V
Digital Driver
2.7
3.0
3.6
V
POWER CONSUMPTION
(Power-Down Modes Selected Through Serial I/F)
Normal Operation (D-Reg 00)
(Specified Under Each Mode of Operation)
High Speed AUX-MODE (D-Reg 01)
(Specified Under AUX-MODE)
Reference Standby (D-Reg 10 or STBY Pin Hi)
10
mW
Shutdown Mode (D-Reg 11)
10
mW
MAXIMUM CLOCK RATE
(Specified Under Each Mode of Operation)
S/H AMPLIFIER
Gain
0dB
Clock Rate
27
MHz
A/D CONVERTER
Resolution
10
Bits
Differential Nonlinearity
0–255 Code
±0.5
±0.8
LSBs
256–1023 Code
±0.5
±1.0
LSBs
No Missing Codes
GUARANTEED
Full-Scale Input Range
1.0
V p-p
Clock Rate
0.01
18
MHz
REFERENCE
Reference Top Voltage
1.75
V
Reference Bottom Voltage
1.25
V
Specifications subject to change without notice.
DIGITAL SPECIFICATIONS
Parameter
Symbol
Min
Typ
Max
Units
LOGIC INPUTS
High Level Input Voltage
VIH
2.1
V
Low Level Input Voltage
VIL
0.6
V
High Level Input Current
IIH
10
µA
Low Level Input Current
IIL
10
µA
Input Capacitance
CIN
10
pF
LOGIC OUTPUTS
High Level Output Voltage
VOH
2.1
V
Low Level Output Voltage
VOL
0.6
V
High Level Output Current
IOH
50
µA
Low Level Output Current
IOL
50
µA
SERIAL INTERFACE TIMING (Figure 35)
Maximum SCLK Frequency
10
MHz
SDATA to SCLK Setup
tDS
10
ns
SCLK to SDATA Hold
tDH
10
ns
SLOAD to SCLK Setup
tLS
10
ns
SCLK to SLOAD Hold
tLH
10
ns
Specifications subject to change without notice.
(TMIN to TMAX, ACVDD = ADVDD = DVDD = +2.8 V, fADCCLK = 18 MHz unless otherwise noted)
(TMIN to TMAX, DRVDD = +2.7 V, CL = 20 pF unless otherwise noted)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com