Electronic Components Datasheet Search
  English  ▼

X  

AD9803 Datasheet(PDF) 14 Page - Analog Devices

Part # AD9803
Description  CCD Signal Processor For Electronic Cameras
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9803 Datasheet(HTML) 14 Page - Analog Devices

Back Button AD9803 Datasheet HTML 10Page - Analog Devices AD9803 Datasheet HTML 11Page - Analog Devices AD9803 Datasheet HTML 12Page - Analog Devices AD9803 Datasheet HTML 13Page - Analog Devices AD9803 Datasheet HTML 14Page - Analog Devices AD9803 Datasheet HTML 15Page - Analog Devices AD9803 Datasheet HTML 16Page - Analog Devices AD9803 Datasheet HTML 17Page - Analog Devices AD9803 Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 19 page
background image
AD9803
–14–
REV. 0
SERIAL INTERFACE SPECIFICATIONS
MODES21
SDATA
SELECT
DAC2
DAC1
PGA
MODES
A0
1
0
1
0
1
A1
1
0
1
1
0
A2
1
1
0
0
0
D0
D1
D2
D3
D4
D5
D6
D7
D8
D9
e0
e1
d0
d1
c0
c1
b0
b1
a0
a1
CLAMP
LEVEL
POWER DOWN
MODES
CLOCK
MODES
OUTPUT
MODES
OPERATION
MODES
f0
f1
f2
f3
f4
f5
f6
f7
f8
f9
PGA GAIN LEVEL SELECTION
g0
g1
g2
g3
g4
g5
g6
g7
h0
h1
h2
h3
h4
h5
h6
h7
m0
0
k0
j0
DAC1 INPUT
DAC2 INPUT
OPERATION AND
POWER DOWN MODES
SHIFT REGISTER
F-REG
f0–f9
E-REG
e0–e1
D-REG
(d) POWER DOWN MODES
d0–d1
C-REG
c0–c1
B-REG
b0–b1
A-REG
(a) OPERATION MODES
a0–a1
(b) OUTPUT MODES
(c) CLOCK MODES
(e) CLAMP LEVEL
(f) PGA GAIN
M-REG
m0
K-REG
(k) EXTERNAL PGA
GAIN CONTROL
k0
J-REG
j0
H-REG
h0–h7
G-REG
(g) DAC1 INPUT
g0–g7
(h) DAC2 INPUT
(j) EVEN-ODD OFFSET
CORRECTION
(m) DAC1 AND DAC2
POWER DOWN
SELECT
NOTE
1MODES2 REGISTER BIT D1 MUST
BE SET TO ZERO.
Figure 34. Internal Register Map
RISING EDGE
TRIGGERED
tDH
tLS
tLH
REGISTER LOADED ON
RISING EDGE
RNW
A0
A1
A2
D0
D1
D2
D3
D4
D5
D6
D7
D8
D9
SDATA
SCK
SL
tDS
Figure 35. Serial WRITE Operation
SDATA
RNW
A0
A1
A2
D0
D1
D2
D3
D4
D5
D6
D7
D8
D9
XX
XX
DUMMY BITS
IGNORED
SCK
SL
Figure 36. 16-Bit Serial WRITE Operation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com