Electronic Components Datasheet Search
  English  ▼

X  

AD9803 Datasheet(PDF) 19 Page - Analog Devices

Part # AD9803
Description  CCD Signal Processor For Electronic Cameras
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9803 Datasheet(HTML) 19 Page - Analog Devices

Back Button AD9803 Datasheet HTML 11Page - Analog Devices AD9803 Datasheet HTML 12Page - Analog Devices AD9803 Datasheet HTML 13Page - Analog Devices AD9803 Datasheet HTML 14Page - Analog Devices AD9803 Datasheet HTML 15Page - Analog Devices AD9803 Datasheet HTML 16Page - Analog Devices AD9803 Datasheet HTML 17Page - Analog Devices AD9803 Datasheet HTML 18Page - Analog Devices AD9803 Datasheet HTML 19Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 19 / 19 page
background image
AD9803
–19–
REV. 0
OUTLINE DIMENSIONS
Dimensions shown in inches and (mm).
48-Lead Plastic Thin Quad Flatpack (LQFP)
(ST-48)
0.354 (9.00) BSC
0.276 (7.0) BSC
1
12
13
25
24
36
37
48
TOP VIEW
(PINS DOWN)
0.009 (0.225)
0.006 (0.17)
0.019 (0.5)
BSC
SEATING
PLANE
0.063 (1.60) MAX
0° MIN
0° – 7°
0.076 MAX
NO MIN
0.030 (0.75)
0.018 (0.45)
0.057 (1.45)
0.053 (1.35)
0.030 (0.75)
0.018 (0.45)
0.007 (0.18)
0.004 (0.09)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com