Electronic Components Datasheet Search
  English  ▼

X  

AD9806 Datasheet(PDF) 6 Page - Analog Devices

Part # AD9806
Description  Complete 10-Bit 18 MSPS CCD Signal Processor
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9806 Datasheet(HTML) 6 Page - Analog Devices

Back Button AD9806 Datasheet HTML 2Page - Analog Devices AD9806 Datasheet HTML 3Page - Analog Devices AD9806 Datasheet HTML 4Page - Analog Devices AD9806 Datasheet HTML 5Page - Analog Devices AD9806 Datasheet HTML 6Page - Analog Devices AD9806 Datasheet HTML 7Page - Analog Devices AD9806 Datasheet HTML 8Page - Analog Devices AD9806 Datasheet HTML 9Page - Analog Devices AD9806 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
REV. 0
AD9806
–6–
PIN CONFIGURATION
36
35
34
33
32
31
30
29
28
27
26
25
13 14 15 16 17 18 19 20 21 22 23 24
1
2
3
4
5
6
7
8
9
10
11
12
48 47 46 45 44
39 38 37
43 42 41 40
PIN 1
IDENTIFIER
TOP VIEW
(Not to Scale)
NC
(LSB) D0
D1
D2
D3
D4
D5
D6
D7
D8
(MSB) D9
DRVDD
AD9806
ADCIN
AUXMID
AUXIN
ACVDD
CLPBYP
ACVSS
NC
NC
CLPREF
NC
CCDIN
CLPOUT
NC = NO CONNECT
PIN FUNCTION DESCRIPTIONS
Pin No.
Mnemonic
Type
Description (See Figures 10 and 11 for Circuit Configurations)
1, 15, 24
NC
No Connect (Should be Left Floating or Tied to Ground)
2–11
D0–D9
DO
Digital Data Outputs
12
DRVDD
P
Digital Driver Supply (3 V)
13
DRVSS
P
Digital Driver Ground
14
DVSS
P
Digital Ground
16
ADCCLK
DI
ADC Sample Clock Input
17
DVDD
P
Digital Supply (3 V)
18
STBY
DI
Power-Down Mode (Active High/Internal Pull-Down). Enables Reference Standby Mode.
19
PBLK
DI
Pixel Blanking
20
CLPOB
DI
Black Level Restore Clamp
21
SHP
DI
CCD Reference Sample Clock Input
22
SHD
DI
CCD Data Sample Clock Input
23
CLPDM
DI
Input Clamp
25
CLPOUT
AO
CDS Bypass (0.1
µF to Ground)
26
CCDIN
AI
CDS Input Pin (Connect to CCD Input Signal through 0.1
µF Capacitor)
27
NC
No Connect (Should Be Left Floating, or May Be Shorted to Pin 26)
28
CLPREF
AO
CDS Bypass (0.1
µF to Ground)
29, 30, 38
NC
No Connect (Should Be Left Floating, Tied to Ground, or Decoupled to Ground)
31
ACVSS
P
Analog Ground
32
CLPBYP
AO
CDS Bypass (0.1
µF to Ground)
33
ACVDD
P
Analog Supply (3 V)
34
AUXIN
AI
AUX-MODE Input
35
AUXMID
AI
AUXMID-MODE Input
36
ADCIN
AI
ADC-MODE Input
37
CMLEVEL
AO
Common-Mode Level (0.1
µF to Ground)
39
DAC1
AO
DAC1 Output
40
DAC2
AO
DAC2 Output
41
SL
DI
Serial I/F Load Signal
42
SCK
DI
Serial I/F Clock
43
ADVDD
P
Analog Supply (3 V)
44
SDATA
DI
Serial I/F Input Data
45
ADVSS
P
Analog Ground
46
SUBST
P
Analog Ground
47
VRB
AO
Bottom Reference (0.1
µF to Ground and 1 µF to VRT)
48
VRT
AO
Top Reference (0.1
µF to Ground)
NOTE
Type: AI = Analog Input, AO = Analog Output, DI = Digital Input, DO = Digital Output, P = Power.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com