Electronic Components Datasheet Search
  English  ▼

X  

AD9806 Datasheet(PDF) 1 Page - Analog Devices

Part # AD9806
Description  Complete 10-Bit 18 MSPS CCD Signal Processor
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9806 Datasheet(HTML) 1 Page - Analog Devices

  AD9806 Datasheet HTML 1Page - Analog Devices AD9806 Datasheet HTML 2Page - Analog Devices AD9806 Datasheet HTML 3Page - Analog Devices AD9806 Datasheet HTML 4Page - Analog Devices AD9806 Datasheet HTML 5Page - Analog Devices AD9806 Datasheet HTML 6Page - Analog Devices AD9806 Datasheet HTML 7Page - Analog Devices AD9806 Datasheet HTML 8Page - Analog Devices AD9806 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
REV. 0
Information furnished by Analog Devices is believed to be accurate and
reliable. However, no responsibility is assumed by Analog Devices for its
use, nor for any infringements of patents or other rights of third parties
which may result from its use. No license is granted by implication or
otherwise under any patent or patent rights of Analog Devices.
a
AD9806
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781/329-4700
World Wide Web Site: http://www.analog.com
Fax: 781/326-8703
© Analog Devices, Inc., 2001
Complete 10-Bit 18 MSPS
CCD Signal Processor
FUNCTIONAL BLOCK DIAGRAM
PGA
0dB
~34dB
0dB
~15dB
CLAMP
3
REF
10-BIT
DAC
INTF
AD9806
10
PBLK
CLPOB
3-W INTF
ADCIN AUXIN
SHP
SHD ADCCLK
DOUT
VRT
VRB
CCDIN
DAC1
DAC2
CLPDM
TIMING
GENERATOR
MUX
S/H
CDS
ADC
8-BIT
DAC
8-BIT
DAC
AUXMID
–4
~14dB
PGA
PGA
CLAMP
CLAMP
FEATURES
Pin-Compatible with Industry Standard AD9803
18 MSPS Correlated Double Sampler (CDS)
Low Noise PGA with 0 dB to 34 dB Gain Range
Low Noise Clamp Circuits
Analog Preblanking Function
10-Bit 18 MSPS A/D Converter
AUX Input with Input Clamp and PGA
Direct ADC Input with Input Clamp
AUXMID Input with PGA
3-Wire Serial Interface for Digital Control
Two Auxiliary 8-Bit DACs
3 V Single Supply Operation
Low Power: 65 mW @ 2.7 V Supply
48-Lead LQFP Package
APPLICATIONS
Camcorders (8 mm and DVC)
Digital Still Cameras
PRODUCT DESCRIPTION
The AD9806 is a complete analog signal processor for CCD
applications. It features an 18 MHz single-channel architecture
designed to sample and condition the outputs of interlaced and
progressive scan area CCD arrays. The AD9806’s signal chain
consists of an input clamp, correlated double sampler (CDS),
digitally programmable gain amplifier (PGA), black level clamp,
and 10-bit A/D converter. Additional input modes are provided
for processing analog video signals.
The internal registers are programmed through a 3-wire serial
digital interface. Programmable features include gain adjust-
ment, black level adjustment, input configuration, and power-
down modes.
The AD9806 operates from a single 3 V power supply, typically
dissipating 75 mW. Packaged in a space-saving 48-lead LQFP,
the AD9806 is specified over an operating temperature range of
–20
°C to +85 C.


Similar Part No. - AD9806

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9806 AD-AD9806 Datasheet
130Kb / 12P
Complete 10-Bit 18 MSPS CCD Signal Processor
REV. 0
AD9806 AD-AD9806_15 Datasheet
130Kb / 12P
Complete 10-Bit 18 MSPS CCD Signal Processor
REV. 0
More results

Similar Description - AD9806

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9840A AD-AD9840A Datasheet
162Kb / 16P
Complete 10-Bit 40 MSPS CCD Signal Processor
REV.0
AD9843A AD-AD9843A Datasheet
170Kb / 16P
Complete 10-Bit 20 MSPS CCD Signal Processor
REV.0
AD9846A AD-AD9846A Datasheet
231Kb / 24P
Complete 10-Bit 30 MSPS CCD Signal Processor
REV.0
AD9804 AD-AD9804 Datasheet
379Kb / 8P
Complete 10-Bit 18 MSPS CCD Signal Processor
REV.0
AD9840AJSTZRL AD-AD9840AJSTZRL Datasheet
143Kb / 16P
Complete 10-Bit 40 MSPS CCD Signal Processor
REV. 0
AD9840AJSTZ AD-AD9840AJSTZ Datasheet
143Kb / 16P
Complete 10-Bit 40 MSPS CCD Signal Processor
REV. 0
AD9840AJSTZ AD-AD9840AJSTZ Datasheet
143Kb / 16P
Complete 10-Bit 40 MSPS CCD Signal Processor
REV. 0
AD9804 AD-AD9804_15 Datasheet
304Kb / 8P
Complete 10-Bit 18 MSPS CCD Signal Processor
REV. 0
AD9806 AD-AD9806_15 Datasheet
130Kb / 12P
Complete 10-Bit 18 MSPS CCD Signal Processor
REV. 0
AD9840A AD-AD9840A_15 Datasheet
155Kb / 16P
Complete 10-Bit 40 MSPS CCD Signal Processor
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com