Electronic Components Datasheet Search
  English  ▼

X  

AD9841A Datasheet(PDF) 8 Page - Analog Devices

Part # AD9841A
Description  Complete 20 MSPS CCD Signal Processors
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9841A Datasheet(HTML) 8 Page - Analog Devices

Back Button AD9841A Datasheet HTML 4Page - Analog Devices AD9841A Datasheet HTML 5Page - Analog Devices AD9841A Datasheet HTML 6Page - Analog Devices AD9841A Datasheet HTML 7Page - Analog Devices AD9841A Datasheet HTML 8Page - Analog Devices AD9841A Datasheet HTML 9Page - Analog Devices AD9841A Datasheet HTML 10Page - Analog Devices AD9841A Datasheet HTML 11Page - Analog Devices AD9841A Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 23 page
background image
REV. 0
AD9841A/AD9842A
–8–
DEFINITIONS OF SPECIFICATIONS
DIFFERENTIAL NONLINEARITY (DNL)
An ideal ADC exhibits code transitions that are exactly 1 LSB
apart. DNL is the deviation from this ideal value. Thus every code
must have a finite width. No missing codes guaranteed to 12-bit
resolution indicates that all 4096 codes, respectively, must be
present over all operating conditions.
PEAK NONLINEARITY
Peak nonlinearity, a full signal chain specification, refers to the
peak deviation of the output of the AD984x from a true straight
line. The point used as “zero scale” occurs 1/2 LSB before the
first code transition. “Positive full scale” is defined as a Level 1,
1/2 LSB beyond the last code transition. The deviation is measured
from the middle of each particular output code to the true straight
line. The error is then expressed as a percentage of the 2 V ADC
full-scale signal. The input signal is always appropriately gained up
to fill the ADC’s full-scale range.
TOTAL OUTPUT NOISE
The rms output noise is measured using histogram techniques.
The standard deviation of the ADC output codes is calculated
in LSB, and represents the rms noise level of the total signal
chain at the specified gain setting. The output noise can be
converted to an equivalent voltage, using the relationship 1 LSB
= (ADC Full Scale/2
N codes) when N is the bit resolution of the
ADC. For the AD9842A, 1 LSB is 500
µV, and for the AD9841A,
1 LSB is 2 mV.
POWER SUPPLY REJECTION (PSR)
The PSR is measured with a step change applied to the supply
pins. This represents a very high frequency disturbance on the
AD984xA’s power supply. The PSR specification is calculated
from the change in the data outputs for a given step change in
the supply voltage.
INTERNAL DELAY FOR SHP/SHD
The internal delay (also called aperture delay) is the time delay
that occurs from when a sampling edge is applied to the AD984xA
until the actual sample of the input signal is held. Both SHP and
SHD sample the input signal during the transition from low to
high, so the internal delay is measured from each clock’s rising
edge to the instant the actual internal sample is taken.
EQUIVALENT INPUT CIRCUITS
330
DVDD
DVSS
Figure 1. Digital Inputs—SHP, SHD, DATACLK, CLPOB,
CLPDM, HD, VD, PBLK, SCK, SL
DVDD
DVSS
DRVSS
DRVDD
THREE-
STATE
DATA
DOUT
Figure 2. Data Outputs—D0–D9 (D11)
60
ACVDD
ACVSS
ACVSS
Figure 3. CCDIN (Pin 30)
330
DVDD
DVSS
DVDD
DVSS
DVSS
DATA IN
RNW
DATA OUT
Figure 4. SDATA (Pin 47)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com