Electronic Components Datasheet Search
  English  ▼

X  

AD9841A Datasheet(PDF) 17 Page - Analog Devices

Part # AD9841A
Description  Complete 20 MSPS CCD Signal Processors
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9841A Datasheet(HTML) 17 Page - Analog Devices

Back Button AD9841A Datasheet HTML 13Page - Analog Devices AD9841A Datasheet HTML 14Page - Analog Devices AD9841A Datasheet HTML 15Page - Analog Devices AD9841A Datasheet HTML 16Page - Analog Devices AD9841A Datasheet HTML 17Page - Analog Devices AD9841A Datasheet HTML 18Page - Analog Devices AD9841A Datasheet HTML 19Page - Analog Devices AD9841A Datasheet HTML 20Page - Analog Devices AD9841A Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 23 page
background image
REV. 0
AD9841A/AD9842A
–17–
Table IV. AD9841A Clamp Level Register Contents (Default Value x080)
MSB
LSB
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
Clamp Level (LSB)
X
X
X
0000
0
000
0
0000
0
001
0.25
0000
0
010
0.5
•
•
•
•
•
•
1111
1110
63.5
1111
1111
63.75
Table V. AD9842A Clamp Level Register Contents (Default Value x080)
MSB
LSB
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
Clamp Level (LSB)
X
X
X
0000
0
000
0
0000
0
001
1
0000
0
010
2
•
•
•
•
•
•
1111
1110
254
1111
1111
255
Table VI. Control Register Contents (Default Value x000)
Data Out
DATACLK
CLP/PBLK
SHP/SHD
PxGA
Color Steering Modes
D10
D9
D8
D7
D6
D5
D4
D3
**
D2 D1 D0
X
0 Enable
0
*
0
*
0 Rising Edge Trigger 0 Active Low 0 Active Low
0 Disable 0
0
0 Steering Disabled
1 Three-State
1 Falling Edge Trigger 1 Active High 1 Active High
1 Enable 0
0
1 Mosaic Separate
0
1
0 Interlace
0
1
1 3-Color
1
0
0 4-Color
1
0
1 VD Selected
1
1
0 Mosaic Repeat
1
1
1 User Specified
*Must be set to zero.
**When D3 = 0 (PxGA disabled) the PxGA gain is fixed to 4 dB.
Table VII. PxGA Gain Registers for Gain0, Gain1, Gain2, Gain3 (Default Value x000)
MSB
LSB
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
Gain (dB)
*
XXXXX0
11111
+10.0
••
••
••
0
00000+4.3
1
11111+4.0
••
••
••
1
00000
–2.0
*Control Register Bit D3 must be set High (PxGA Enable) to use the PxGA Gain Registers.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com