Electronic Components Datasheet Search
  English  ▼

X  

AD9841A Datasheet(PDF) 19 Page - Analog Devices

Part # AD9841A
Description  Complete 20 MSPS CCD Signal Processors
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9841A Datasheet(HTML) 19 Page - Analog Devices

Back Button AD9841A Datasheet HTML 15Page - Analog Devices AD9841A Datasheet HTML 16Page - Analog Devices AD9841A Datasheet HTML 17Page - Analog Devices AD9841A Datasheet HTML 18Page - Analog Devices AD9841A Datasheet HTML 19Page - Analog Devices AD9841A Datasheet HTML 20Page - Analog Devices AD9841A Datasheet HTML 21Page - Analog Devices AD9841A Datasheet HTML 22Page - Analog Devices AD9841A Datasheet HTML 23Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 19 / 23 page
background image
REV. 0
AD9841A/AD9842A
–19–
RR
Gb
Gb
Gr
Gr
BB
CCD: PROGRESSIVE BAYER
LINE0
GAIN0, GAIN1, GAIN0, GAIN1 ...
RR
Gr
Gr
Gb
Gb
BB
LINE1
LINE2
GAIN2, GAIN3, GAIN2, GAIN3 ...
GAIN0, GAIN1, GAIN0, GAIN1 ...
MOSAIC SEPARATE COLOR
STEERING MODE
Figure 26. CCD Color Filter Example: Progressive Scan
LINE0
GAIN0, GAIN1, GAIN0, GAIN1 ...
RR
Gr
Gr
LINE1
LINE2
GAIN0, GAIN1, GAIN0, GAIN1 ...
GAIN0, GAIN1, GAIN0, GAIN1 ...
Gb
Gb
BB
LINE0
GAIN2, GAIN3, GAIN2, GAIN3 ...
LINE1
LINE2
GAIN2, GAIN3, GAIN2, GAIN3 ...
GAIN2, GAIN3, GAIN2, GAIN3 ...
CCD: INTERLACED BAYER
EVEN FIELD
VD SELECTED COLOR
STEERING MODE
ODD FIELD
Gb
Gb
BB
Gb
Gb
BB
Gb
Gb
BB
RR
Gr
Gr
RR
Gr
Gr
RR
Gr
Gr
Figure 27. CCD Color Filter Example: Interlaced
The same Bayer pattern can also be interlaced, and the VD
Selected mode should be used with this type of CCD (see Fig-
ure 27). The Color Steering performs the proper multiplexing of
the R, G, and B gain values (loaded into the PxGA gain regis-
ters), and is synchronized by the user with vertical (VD) and
horizontal (HD) sync pulses. For more detailed information, see
the PxGA Timing section. The PxGA gain for each of the four
channels is variable from –2 dB to +10 dB, controlled in 64 steps
through the serial interface. The PxGA gain curve is shown in
Figure 28.
PxGA GAIN REGISTER CODE
10
32
40
48
56
0
8
16
24
31
8
6
4
2
0
-2
(100000)
(011111)
Figure 28. PxGA Gain Curve
Variable Gain Amplifier
The VGA stage provides a gain range of 2 dB to 36 dB, program-
mable with 10-bit resolution through the serial digital interface.
Combined with 4 dB from the PxGA stage, the total gain range
for the AD984xA is 6 dB to 40 dB. The minimum gain of 6 dB
is needed to match a 1 V input signal with the ADC full-scale
range of 2 V. When compared to 1 V full-scale systems (such as
ADI’s AD9803), the equivalent gain range is 0 dB to 34 dB.
The VGA gain curve is divided into two separate regions. When
the VGA Gain Register code is between 0 and 511, the curve
follows a (1 + x)/(1 – x) shape, which is similar to a “linear-in-
dB” characteristic. From code 512 to code 1023, the curve follows
a “linear-in-dB” shape. The exact VGA gain can be calculated
for any Gain Register value by using the following two equations:
Code Range
Gain Equation (dB)
0–511
Gain = 20 log10 ([658 + code]/[658 – code]) – 0.4
512 –1023
Gain = (0.0354)(code) – 0.4
As shown in the CCD Mode Specifications, only the VGA gain
range from 2 dB to 36 dB has tested and guaranteed accuracy.
This corresponds to a VGA gain code range of 91 to 1023. The
Gain Accuracy Specifications also include the PxGA gain of 4 dB,
for a total gain range of 6 dB to 40 dB.
VGA GAIN REGISTER CODE
36
0
127
255
383
511
639
767
895
1023
30
24
18
12
6
0
Figure 29. VGA Gain Curve (Gain from PxGA Not Included)
Optical Black Clamp
The optical black clamp loop is used to remove residual offsets
in the signal chain, and to track low-frequency variations in the
CCD’s black level. During the optical black (shielded) pixel
interval on each line, the ADC output is compared with a fixed
black level reference, selected by the user in the Clamp Level
Register. Any value between 0 LSB and 64 LSB (AD9841A)
or 255 LSB (AD9842A) may be programmed, with 8-bit resolu-
tion. The resulting error signal is filtered to reduce noise, and
the correction value is applied to the ADC input through a
D/A converter. Normally, the optical black clamp loop is turned
on once per horizontal line, but this loop can be updated more
slowly to suit a particular application. If external digital clamping
is used during the post processing, the AD984xA’s optical black
clamping may be disabled using Bit D5 in the Operation Register
(see Serial Interface Timing and Internal Register Description
section). When the loop is disabled, the Clamp Level Register
may still be used to provide programmable offset adjustment.
Horizontal timing is shown in Figure 6. The CLPOB pulse
should be placed during the CCD’s optical black pixels. It is
recommended that the CLPOB pulse duration be at least 20
pixels wide to minimize clamp noise. Shorter pulsewidths may be
used, but clamp noise may increase, and the ability to track
low-frequency variations in the black level will be reduced.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com