Electronic Components Datasheet Search
  English  ▼

X  

AD9841A Datasheet(PDF) 22 Page - Analog Devices

Part # AD9841A
Description  Complete 20 MSPS CCD Signal Processors
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9841A Datasheet(HTML) 22 Page - Analog Devices

Back Button AD9841A Datasheet HTML 15Page - Analog Devices AD9841A Datasheet HTML 16Page - Analog Devices AD9841A Datasheet HTML 17Page - Analog Devices AD9841A Datasheet HTML 18Page - Analog Devices AD9841A Datasheet HTML 19Page - Analog Devices AD9841A Datasheet HTML 20Page - Analog Devices AD9841A Datasheet HTML 21Page - Analog Devices AD9841A Datasheet HTML 22Page - Analog Devices AD9841A Datasheet HTML 23Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 22 / 23 page
background image
REV. 0
AD9841A/AD9842A
–22–
36
35
34
33
32
31
30
29
28
27
26
25
13 14 15 16 17 18 19 20 21 22 23 24
1
2
3
4
5
6
7
8
9
10
11
12
37
48 47 46 45 44
39 38
43 42 41 40
PIN 1
IDENTIFIER
TOP VIEW
(Not to Scale)
AUX1IN
AVSS
AUX2IN
AVDD2
BYP4
NC
CCDIN
BYP2
BYP1
AVDD1
AVSS
AVSS
D0
D1
D2
D3
D4
D5
D6
D7
D8
(MSB) D11
AD9842A
0.1 F
0.1 F
0.1 F
0.1 F
0.1 F
0.1 F
3V
ANALOG SUPPLY
CCD SIGNAL
3V
ANALOG SUPPLY
12
DATA
OUTPUTS
3
SERIAL
INTERFACE
0.1 F
1.0 F
1.0 F
0.1 F
3V
ANALOG SUPPLY
8
CLOCK
INPUTS
0.1 F
0.1 F
3V
ANALOG SUPPLY
3V
DRIVER
SUPPLY
NC = NO CONNECT
D9
D10
Figure 34. AD9842A Recommended Circuit Configuration for CCD-Mode
Internal Power-On Reset Circuitry
After power-on, the AD9842A will automatically reset all inter-
nal registers and perform internal calibration procedures. This
takes approximately 1 ms to complete. During this time, normal
clock signals and serial write operations may occur. However,
serial register writes will be ignored until the internal reset
operation is completed. Pin 43 (formerly RSTB on the AD9842A
non-A) is no longer used for the reset operation. Toggling Pin
43 in the AD9842A will have no effect.
Grounding and Decoupling Recommendations
As shown in Figures 33 and 34, a single ground plane is recom-
mended for the AD9841A/AD9842A. This ground plane should be
as continuous as possible, particularly around Pins 25 through
39. This will ensure that all analog decoupling capacitors provide
the lowest possible impedance path between the power and bypass
pins and their respective ground pins. All decoupling capaci-
tors should be located as close as possible to the package pins. A
single clean power supply is recommended for the AD9841A/AD9842A,
but a separate digital driver supply may be used for DRVDD
(Pin 13). DRVDD should always be decoupled to DRVSS (Pin
14), which should be connected to the analog ground plane.
Advantages of using a separate digital driver supply include using a
lower voltage (2.7 V) to match levels with a 2.7 V ASIC, reducing
digital power dissipation, and reducing potential noise coupling.
If the digital outputs (Pins 3–12) must drive a load larger than
20 pF, buffering is recommended to reduce digital code transi-
tion noise. Alternatively, placing series resistors close to the
digital output pins may also help reduce noise.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com