Electronic Components Datasheet Search
  English  ▼

X  

ADG407 Datasheet(PDF) 1 Page - Analog Devices

Part # ADG407
Description  LC2MOS 8-/16-Channel High Performance Analog Multiplexers
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADG407 Datasheet(HTML) 1 Page - Analog Devices

  ADG407 Datasheet HTML 1Page - Analog Devices ADG407 Datasheet HTML 2Page - Analog Devices ADG407 Datasheet HTML 3Page - Analog Devices ADG407 Datasheet HTML 4Page - Analog Devices ADG407 Datasheet HTML 5Page - Analog Devices ADG407 Datasheet HTML 6Page - Analog Devices ADG407 Datasheet HTML 7Page - Analog Devices ADG407 Datasheet HTML 8Page - Analog Devices ADG407 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
One Technology Way, P.O. Box 9106, Norwood. MA 02062-9106, U.S.A.
Tel: 617/329-4700
Fax: 617/326-8703
a
FUNCTIONAL BLOCK DIAGRAMS
REV. 0
Information furnished by Analog Devices is believed to be accurate and
reliable. However, no responsibility is assumed by Analog Devices for its
use, nor for any infringements of patents or other rights of third parties
which may result from its use. No license is granted by implication or
otherwise under any patent or patent rights of Analog Devices.
FEATURES
44 V Supply Maximum Ratings
V
SS to VDD Analog Signal Range
Low On Resistance (80
Ω max)
Low Power
Fast Switching
t
ON < 160 ns
t
OFF < 150 ns
Break Before Make Switching Action
Plug-In Upgrade for
DG506A/ADG506A, DG507A/ADG507A,
DG526/ADG526A
ADG406/ADG407 are Plug-In Replacements for
DG406/DG407
APPLICATIONS
Audio and Video Routing
Automatic Test Equipment
Data Acquisition Systems
Battery Powered Systems
Sample Hold Systems
Communication Systems
Avionics
LC2MOS 8-/16-Channel
High Performance Analog Multiplexers
ADG406/ADG407/ADG426
ADG407
EN
A0 A1 A2
S1A
S8A
DA
S8B
DB
S1B
1 OF 8
DECODER
EN
A0 A1 A2 A3
RS
ADG426
S1
S16
D
WR
DECODER/
LATCHES
ADG406
EN
A0 A1 A2 A3
S1
S16
D
1 OF 16
DECODER
GENERAL DESCRIPTION
The ADG406, ADG407 and ADG426 are monolithic CMOS
analog multiplexers. The ADG406 and ADG426 switch one of
sixteen inputs to a common output as determined by the 4-bit
binary address lines A0, A1, A2 and A3. The ADG426 has on-
chip address and control latches that facilitate microprocessor
interfacing. The ADG407 switches one of eight differential
inputs to a common differential output as determined by the 3-
bit binary address lines A0, A1 and A2. An EN input on all
devices is used to enable or disable the device. When disabled,
all channels are switched OFF.
The ADG406/ADG407/ADG426 are designed on an enhanced
LC
2MOS process that provides low power dissipation yet gives
high switching speed and low on resistance. These features
make the parts suitable for high speed data acquisition systems
and audio signal switching. Low power dissipation makes the
parts suitable for battery powered systems. Each channel
conducts equally well in both directions when ON and has an
input signal range which extends to the supplies. In the OFF
condition, signal levels up to the supplies are blocked. All
channels exhibit break before make switching action preventing
momentary shorting when switching channels. Inherent in the
design is low charge injection for minimum transients when
switching the digital inputs.
PRODUCT HIGHLIGHTS
1. Extended Signal Range
The ADG406/ADG407/ADG426 are fabricated on an
enhanced LC
2MOS process giving an increased signal range
which extends to the supply rails
2. Low Power Dissipation
3. Low R
ON
4. Single/Dual Supply Operation
5. Single Supply Operation
For applications where the analog signal is unipolar, the
ADG406/ADG407/ADG426 can be operated from a single
rail power supply. The parts are fully specified with a single
+12 V power supply and will remain functional with single
supplies as low as +5 V.


Similar Part No. - ADG407

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG407BCHIPS AD-ADG407BCHIPS Datasheet
391Kb / 20P
LC2MOS 8-/16-Channel High Performance Analog Multiplexers
REV. B
ADG407BN AD-ADG407BN Datasheet
391Kb / 20P
LC2MOS 8-/16-Channel High Performance Analog Multiplexers
REV. B
ADG407BNZ AD-ADG407BNZ Datasheet
391Kb / 20P
LC2MOS 8-/16-Channel High Performance Analog Multiplexers
REV. B
ADG407BP AD-ADG407BP Datasheet
391Kb / 20P
LC2MOS 8-/16-Channel High Performance Analog Multiplexers
REV. B
ADG407BP-REEL AD-ADG407BP-REEL Datasheet
391Kb / 20P
LC2MOS 8-/16-Channel High Performance Analog Multiplexers
REV. B
More results

Similar Description - ADG407

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG408 AD-ADG408 Datasheet
223Kb / 11P
LC2MOS 4-/8-Channel High Performance Analog Multiplexers
REV.A
ADG428 AD-ADG428 Datasheet
157Kb / 12P
LC2MOS Latchable 4-/8-Channel High Performance Analog Multiplexers
REV.C
ADG407BPZ AD-ADG407BPZ Datasheet
391Kb / 20P
LC2MOS 8-/16-Channel High Performance Analog Multiplexers
REV. B
ADG408 AD-ADG408_06 Datasheet
440Kb / 16P
LC2MOS 4-/8-Channel High Performance Analog Multiplexers
REV. C
ADG406 AD-ADG406_10 Datasheet
391Kb / 20P
LC2MOS 8-/16-Channel High Performance Analog Multiplexers
REV. B
ADG428BRZ AD-ADG428BRZ Datasheet
165Kb / 12P
LC2MOS Latchable 4-/8-Channel High Performance Analog Multiplexers
REV. C
ADG406 AD-ADG406_15 Datasheet
391Kb / 20P
LC MOS 8-/16-Channel High Performance Analog Multiplexers
REV. B
ADG407 AD-ADG407_15 Datasheet
391Kb / 20P
LC MOS 8-/16-Channel High Performance Analog Multiplexers
REV. B
ADG426 AD-ADG426_15 Datasheet
391Kb / 20P
LC MOS 8-/16-Channel High Performance Analog Multiplexers
REV. B
ADG408 AD-ADG408_V01 Datasheet
312Kb / 15P
LC2MOS 4-/8-Channel High Performance Analog Multiplexers
Rev. D
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com