Electronic Components Datasheet Search
  English  ▼

X  

ADG407 Datasheet(PDF) 11 Page - Analog Devices

Part # ADG407
Description  LC2MOS 8-/16-Channel High Performance Analog Multiplexers
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADG407 Datasheet(HTML) 11 Page - Analog Devices

Back Button ADG407 Datasheet HTML 4Page - Analog Devices ADG407 Datasheet HTML 5Page - Analog Devices ADG407 Datasheet HTML 6Page - Analog Devices ADG407 Datasheet HTML 7Page - Analog Devices ADG407 Datasheet HTML 8Page - Analog Devices ADG407 Datasheet HTML 9Page - Analog Devices ADG407 Datasheet HTML 10Page - Analog Devices ADG407 Datasheet HTML 11Page - Analog Devices ADG407 Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
–11–
REV. 0
ADG406/ADG407/ADG426
Test Circuit 9. Reset Turn-Off Time, t
OFF (RS)
Test Circuit 10. Charge Injection
Test Circuit 8. Write Turn-On Time, t
ON (WR)
EN
2.4V
VSS
VDD
VS
VSS
VDD
A3
A2
ADG426
A1
S1
RS
S2 THRU S16
CL
35pF
RL
300
Ω
WR
D
VWR
VRS
A0
GND
V
OUT
0V
3V
50%
0V
V0
OUTPUT
WR
0.2V0
tON(WR)
3V
VOUT
∆ VOUT
QINJ = CL x ∆VOUT
LOGIC
INPUT
(VIN)
*SIMILAR CONNECTION FOR ADG406/ADG407
GND
EN
VSS
VDD
CL
1nF
VSS
VDD
ADG426*
RS
WR
D
VIN
2.4V
A2
A1
VOUT
S
VS
RS
A0
A3
EN
2.4V
VSS
VDD
VS
VSS
VDD
A3
A2
ADG426
A1
S1
RS
S2 THRU S16
CL
35pF
RL
300
Ω
D
VIN
GND
WR
A0
V
OUT
0V
3V
50%
0V
V0
OUTPUT
RS
0.8V0
tOFF (RS)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com