Electronic Components Datasheet Search
  English  ▼

X  

ADG407 Datasheet(PDF) 12 Page - Analog Devices

Part # ADG407
Description  LC2MOS 8-/16-Channel High Performance Analog Multiplexers
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADG407 Datasheet(HTML) 12 Page - Analog Devices

Back Button ADG407 Datasheet HTML 4Page - Analog Devices ADG407 Datasheet HTML 5Page - Analog Devices ADG407 Datasheet HTML 6Page - Analog Devices ADG407 Datasheet HTML 7Page - Analog Devices ADG407 Datasheet HTML 8Page - Analog Devices ADG407 Datasheet HTML 9Page - Analog Devices ADG407 Datasheet HTML 10Page - Analog Devices ADG407 Datasheet HTML 11Page - Analog Devices ADG407 Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 12 / 12 page
background image
–12–
ADG406/ADG407/ADG426
REV. 0
VDD
VSS
VSS
VDD
A3
ADG426*
GND
D
A2
A1
VOUT
EN
S1
S16
RL
1k
Ω
A0
VIN
WR
RS
2.4V
*SIMILAR CONNECTION FOR ADG406/407
Test Circuit 11. OFF Isolation
OUTLINE DIMENSIONS
Dimensions shown in inches an (mm).
28-Pin PLCC (P-28A)
28-Pin Plastic (N-28)
0.048 (1.21)
0.042 (1.07)
0.456 (11.58)
0.450 (11.43)
SQ
0.495 (12.57)
0.485 (12.32)
SQ
0.048 (1.21)
0.042 (1.07)
0.050
(1.27)
BSC
26
4
TOP VIEW
25
19
12
11
PIN 1
IDENTIFIER
5
18
0.020
(0.50)
R
0.056 (1.42)
0.042 (1.07)
0.032 (0.81)
0.026 (0.66)
0.021 (0.53)
0.013 (0.33)
0.025 (0.63)
0.015 (0.38)
0.180 (4.57)
0.165 (4.19)
0.430 (10.92)
0.390 (9.91)
0.110 (2.79)
0.085 (2.16)
0.040 (1.01)
0.025 (0.64)
PIN 1
0.580 (14.73)
0.485 (12.32)
1
14
15
28
0.015 (0.381)
0.008 (0.204)
0.625 (15.87)
0.600 (15.24)
0.195 (4.95)
0.125 (3.18)
0.250
(6.35)
MAX
0.022 (0.558)
0.014 (0.356)
0.100
(2.54)
BSC
0.200 (5.05)
0.125 (3.18)
0.070 (1.77)
MAX
0.060 (1.52)
0.015 (0.38)
0.150
(3.81)
MIN
SEATING
PLANE
1.565 (39.70)
1.380 (35.10)
28-Pin SSOP (RS-28)
0.407 (10.34)
0.397 (10.08)
0.008 (0.203)
0.002 (0.050)
0.07 (1.78)
0.066 (1.67)
0.009 (0.229)
0.005 (0.127)
0.03 (0.762)
0.022 (0.558)
8
°
0
°
0.311 (7.9)
0.301 (7.64)
0.0256 (0.65)
BSC
PIN 1
15
14
1
28
0.212 (5.38)
0.205 (5.207)
1. LEAD NO. 1 IDENTIFIED BY A DOT.
2. LEADS WILL BE EITHER TIN PLATED OR SOLDER DIPPED
IN ACCORDANCE WITH MIL-M-38510 REQUIREMENTS
V
DD
V
DD
ADG426*
D
V
OUT
S1
S16
S2
1k
Ω
A0
A1
A2
A3
1k
Ω
V
IN
2.4V
V
SS
V
SS
EN
GND
WR
RS
*SIMILAR CONNECTION FOR ADG406/407
Test Circuit 12. Crosstalk



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com