Electronic Components Datasheet Search
  English  ▼

X  

ADG407 Datasheet(PDF) 9 Page - Analog Devices

Part # ADG407
Description  LC2MOS 8-/16-Channel High Performance Analog Multiplexers
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADG407 Datasheet(HTML) 9 Page - Analog Devices

Back Button ADG407 Datasheet HTML 4Page - Analog Devices ADG407 Datasheet HTML 5Page - Analog Devices ADG407 Datasheet HTML 6Page - Analog Devices ADG407 Datasheet HTML 7Page - Analog Devices ADG407 Datasheet HTML 8Page - Analog Devices ADG407 Datasheet HTML 9Page - Analog Devices ADG407 Datasheet HTML 10Page - Analog Devices ADG407 Datasheet HTML 11Page - Analog Devices ADG407 Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
–9–
REV. 0
ADG406/ADG407/ADG426
102
103
104
105
106
107
40
60
80
100
120
140
FREQUENCY – Hz
V
DD = +15V
V
SS = –15V
10
2
10
3
10
4
10
5
10
6
10
7
40
60
80
100
120
140
FREQUENCY – Hz
VDD = +15V
VSS = –15V
Test Circuit 1. On Resistance
Test Circuit 2. I
S (OFF)
Test Circuit 3. I
D (OFF)
Test Circuit 4. I
D (ON)
I
DS
SD
R
ON = V1/IDS
V
S
V1
Test Circuits
Figure 16. Crosstalk vs. Frequency
Figure 15. OFF Isolation vs. Frequency
VS
D
EN
+0.8V
S1
S2
S16
VSS
VDD
VD
A
ID (OFF)
VSS
VDD
D
EN
+0.8V
S1
S2
S16
VS
A
VD
VSS
VDD
IS (OFF)
VSS
VDD
D
EN
2.4V
S1
S16
VS
VSS
VDD
VD
A
ID (ON)
VSS
VDD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com