Electronic Components Datasheet Search
  English  ▼

X  

ADG417 Datasheet(PDF) 5 Page - Analog Devices

Part # ADG417
Description  LC2MOS Precision Mini-DIP Analog Switch
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADG417 Datasheet(HTML) 5 Page - Analog Devices

  ADG417 Datasheet HTML 1Page - Analog Devices ADG417 Datasheet HTML 2Page - Analog Devices ADG417 Datasheet HTML 3Page - Analog Devices ADG417 Datasheet HTML 4Page - Analog Devices ADG417 Datasheet HTML 5Page - Analog Devices ADG417 Datasheet HTML 6Page - Analog Devices ADG417 Datasheet HTML 7Page - Analog Devices ADG417 Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
50
0
15
30
10
–10
20
–15
40
10
5
0
–5
VS, VD – Volts
TA = +25 C
VDD = +12V
VSS = –12V
VDD = +5V
VSS = –5V
VDD = +10V
VSS = –10V
VDD = +15V
VSS = –15V
Figure 1. RON as a Function of VD (VS): Dual Supply Voltage
50
0
15
30
10
–10
20
–15
40
10
5
0
–5
VS, VD – Volts
+85 C
+125 C
+25 C
VDD = +15V
VSS = –15V
VL = +5V
Figure 2. RON as a Function of VD (VS) for Different
Temperatures
0.02
–0.03
15
0.00
–0.02
–10
–0.01
–15
0.01
10
5
0
–5
VS, VD – Volts
ID (OFF)
ID (ON)
IS (OFF)
VDD = +15V
VSS = –15V
TA = +25 C
Figure 3. Leakage Currents as a Function of VS (VD)
100
0
15
60
20
5
40
0
80
10
VS, VD – Volts
TA = +25 C
VDD = +5V
VSS = 0V
VDD = +10V
VSS = 0V
VDD = +12V
VSS = 0V
VDD = +15V
VSS = 0V
Figure 4. RON as a Function of VD (VS): Single Supply
Voltage
VS, VD – Volts
100
0
12
60
20
3
40
0
80
9
6
VDD = +12V
VSS = 0V
VL = +5V
+125 C
+25 C
+85 C
Figure 5. RON as a Function of VD (VS) for Different
Temperatures
0.006
–0.004
12
0.002
–0.002
2
0.000
0
0.004
10
8
6
4
VS, VD – Volts
ID (OFF)
ID (ON)
IS (OFF)
VDD = +12V
VSS = 0V
TA = +25 C
Figure 6. Leakage Currents as a Function of VS (VD)
Typical Performance Characteristics–ADG417
REV. A
–5–



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com