Electronic Components Datasheet Search
  English  ▼

X  

ADG417 Datasheet(PDF) 7 Page - Analog Devices

Part # ADG417
Description  LC2MOS Precision Mini-DIP Analog Switch
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADG417 Datasheet(HTML) 7 Page - Analog Devices

  ADG417 Datasheet HTML 1Page - Analog Devices ADG417 Datasheet HTML 2Page - Analog Devices ADG417 Datasheet HTML 3Page - Analog Devices ADG417 Datasheet HTML 4Page - Analog Devices ADG417 Datasheet HTML 5Page - Analog Devices ADG417 Datasheet HTML 6Page - Analog Devices ADG417 Datasheet HTML 7Page - Analog Devices ADG417 Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
ADG417
REV. A
–7–
Test Circuits
SD
VS
VD
IS (OFF)
ID (OFF)
Test Circuit 2. Off Leakage
SD
VS
VD
ID (ON)
Test Circuit 3. On Leakage
IDS
SD
VS
RON = V1/IDS
V1
Test Circuit 1. On Resistance
VS
S2
IN
GND
VSS
RL
300
CL
35pF
VOUT
D
VL
VDD
3V
VIN
50%
50%
90%
VDD
VL
0.1 F
0.1 F
VSS
0.1 F
90%
tON
tOFF
VOUT
Test Circuit 4. Switching Times
VS
S2
IN
GND
VSS
CL
10nF
VOUT
D
VL
VDD
3V
VIN
VDD
VL
0.1 F
0.1 F
VSS
0.1 F
VOUT
RL
VOUT
QINJ = CL
VOUT
Test Circuit 5. Charge Injection
VS
IN
VIN
GND
VSS
VSS
RL
50
VOUT
D
VL
VDD
0.1 F
0.1 F
S
0.1 F
VL
VDD
Test Circuit 6. Off Isolation



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com