Electronic Components Datasheet Search
  English  ▼

X  

ADG417 Datasheet(PDF) 6 Page - Analog Devices

Part # ADG417
Description  LC2MOS Precision Mini-DIP Analog Switch
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADG417 Datasheet(HTML) 6 Page - Analog Devices

  ADG417 Datasheet HTML 1Page - Analog Devices ADG417 Datasheet HTML 2Page - Analog Devices ADG417 Datasheet HTML 3Page - Analog Devices ADG417 Datasheet HTML 4Page - Analog Devices ADG417 Datasheet HTML 5Page - Analog Devices ADG417 Datasheet HTML 6Page - Analog Devices ADG417 Datasheet HTML 7Page - Analog Devices ADG417 Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
REV. A
–6–
ADG417
10mA
1nA
107
1 A
10nA
103
100nA
102
1mA
10 A
100 A
106
105
104
FREQUENCY – Hz
IL
I+, I–
VDD = +15V
VSS = –15V
VL = +5V
Figure 7. Supply Current vs. Input Switching Frequency
0
50
100
150
200
250
300
5
79
11
13
15
SUPPLY VOLTAGE – Volts
V
= +5V
IN
tON – SINGLE SUPPLY
tON – DUAL SUPPLY
tOFF – DUAL SUPPLY
tOFF – SINGLE SUPPLY
Figure 8. Switching Time vs. Power Supply



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com