Electronic Components Datasheet Search
  English  ▼

X  

ADG441 Datasheet(PDF) 8 Page - Analog Devices

Part # ADG441
Description  LC2MOS Quad SPST Switches
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADG441 Datasheet(HTML) 8 Page - Analog Devices

  ADG441 Datasheet HTML 1Page - Analog Devices ADG441 Datasheet HTML 2Page - Analog Devices ADG441 Datasheet HTML 3Page - Analog Devices ADG441 Datasheet HTML 4Page - Analog Devices ADG441 Datasheet HTML 5Page - Analog Devices ADG441 Datasheet HTML 6Page - Analog Devices ADG441 Datasheet HTML 7Page - Analog Devices ADG441 Datasheet HTML 8Page - Analog Devices ADG441 Datasheet HTML 9Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
ADG441/ADG442/ADG444
REV. 0
–8–
S
D
V
S
IN
GND
V
SS
–15V
C
L
1nF
V
OUT
V
DD
V
L
+15V
+5V
R
S
3V
V
IN
V
OUT
∆V
OUT
Q
INJ = CL × ∆VOUT
Test Circuit 5. Charge Injection
S
D
V
S
IN
GND
V
SS
0.1
µF
–15V
R
L
50
Ω
V
OUT
0.1
µF
0.1
µF
V
DD
V
L
+15V
+5V
V
IN
Test Circuit 6. Off Isolation
S
D
V
S
GND
V
SS
0.1
µF
–15V
0.1
µF
0.1
µF
V
DD
V
L
+15V
+5V
V
IN1
S
V
IN2
NC
50
Ω
V
OUT
R
L
50
Ω
CHANNEL-TO-CHANNEL CROSSTALK = 20
× LOG V
S/V OUT
Test Circuit 7. Channel-to-Channel Crosstalk
OUTLINE DIMENSIONS
Dimensions shown in inches and (mm).
Plastic DIP (N-16)
0.011
(0.28)
0.18
(4.57)
MAX
0.3 (7.62)
PIN 1
18
9
16
0.25
(6.35)
0.31
(7.87)
0.87 (22.1) MAX
0.125
(3.18)
MIN
0.035
(0.89)
0.18 (4.57)
SEATING
PLANE
0.018 (0.46)
0.033 (0.84)
0.1 (2.54)
BSC
Small Outline IC (R-16A)
8
9
16
0.2440 (6.20)
0.2284 (5.80)
0.1574 (4.00)
0.1497 (3.80)
PIN 1
1
0.0688 (1.75)
0.0532 (1.35)
0.3937 (10.00)
0.3859 (9.80)
0.0500 (1.27)
BSC
SEATING
PLANE
0.0098 (0.25)
0.0040 (0.10)
0.0192 (0.49)
0.0138 (0.35)
0
° – 8°
0.0099 (0.25)
0.0075 (0.19)
× 45
°
0.0196 (0.50)
0.0099 (0.25)
0.0500 (1.27)
0.0160 (0.41)
Cerdip (Q-16)
0.015 (0.381)
0.008 (0.204)
0.320 (8.13)
0.290 (7.37)
PIN 1
0.310 (7.87)
0.220 (5.59)
1
8
9
16
0.840 (21.34) MAX
0.060 (1.52)
0.015 (0.38)
0.150
(3.81)
MIN
0.200
(5.08)
MAX
PLANE
SEATING
0.022 (0.558)
0.014 (0.356)
0.100 (2.54)
BSC
0.070 (1.78)
0.30 (0.76)



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com