Electronic Components Datasheet Search
  English  ▼

X  

ADG441 Datasheet(PDF) 3 Page - Analog Devices

Part # ADG441
Description  LC2MOS Quad SPST Switches
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADG441 Datasheet(HTML) 3 Page - Analog Devices

  ADG441 Datasheet HTML 1Page - Analog Devices ADG441 Datasheet HTML 2Page - Analog Devices ADG441 Datasheet HTML 3Page - Analog Devices ADG441 Datasheet HTML 4Page - Analog Devices ADG441 Datasheet HTML 5Page - Analog Devices ADG441 Datasheet HTML 6Page - Analog Devices ADG441 Datasheet HTML 7Page - Analog Devices ADG441 Datasheet HTML 8Page - Analog Devices ADG441 Datasheet HTML 9Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
ORDERING GUIDE
Model
1
Temperature Range
Package Option
2
ADG441BN
–40
°C to +85°C
N-16
ADG441BR
–40
°C to +85°C
R-16A
ADG441TQ
–55
°C to +125°C
Q-16
ADG442BN
–40
°C to +85°C
N-16
ADG442BR
–40
°C to +85°C
R-16A
ADG444BN
–40
°C to +85°C
N-16
ADG444BR
–40
°C to +85°C
R-16A
NOTES
1To order MIL-STD-883, Class B processed parts, add /883B to T grade part
numbers.
2N = Plastic DIP, R = 0.15" Small Outline IC (SOIC), Q = Cerdip.
REV. 0
–3–
ADG441/ADG442/ADG444
Table I. Truth Table
ADG441/ADG444
ADG442
Switch
IN
IN
Condition
01
ON
1
0
OFF
B Version
T Version
–40
°C to
–55
°C to
Parameter
+25
°C
+85
°C
+25
°C
+125
°C
Units
Test Conditions/Comments
ANALOG SWITCH
Analog Signal Range
0 to VDD
0 to VDD
V
RON
70
70
Ω typ
VD = +3 V, +8 V, IS = –10 mA;
110
130
110
130
Ω max
VDD = +10.8 V
∆R
ON
44
Ω typ
+3 V
≤ V
D ≤ +8 V
99
Ω max
RON Match
1
1
Ω typ
VD = 6 V, IS = –10 mA
33
Ω max
LEAKAGE CURRENT
VDD = +13.2 V
Source OFF Leakage IS (OFF)
±0.01
±0.01
nA typ
VD = 12.2 V/1 V, VS = 1 V/12.2 V;
±0.5
±3
±0.5
±20
nA max
Test Circuit 2
Drain OFF Leakage ID (OFF)
±0.01
±0.01
nA typ
VD = 12.2 V/1 V, VS = 1 V/12.2 V;
±0.5
±3
±0.5
±20
nA max
Test Circuit 2
Channel ON Leakage ID, IS (ON)
±0.08
±0.08
nA typ
VS = VD = 12.2 V/1 V;
±0.5
±3
±0.5
±40
nA max
Test Circuit 3
DIGITAL INPUTS
Input High Voltage, VINH
2.4
2.4
V min
Input Low Voltage, VINL
0.8
0.8
V max
Input Current
IINL or IINH
±0.00001
±0.00001
µA typ
VIN = VINL or VINH
±0.5
±0.5
µA max
DYNAMIC CHARACTERISTICS
2
tON
105
105
ns typ
RL = 1 kΩ, CL = 35 pF;
150
220
150
220
ns max
VS = +8 V; Test Circuit 4
tOFF
40
40
ns typ
RL = 1 kΩ, CL = 35 pF;
60
100
60
100
ns max
VS = +8 V; Test Circuit 4
tOPEN
50
50
ns typ
RL = 1 kΩ, CL = 35 pF;
Charge Injection
2
2
pC typ
VS = 6 V, RS = 0 Ω, CL = 1 nF;
6
6
pC max
VDD = +12 V, VSS = 0 V;
Test Circuit 5
OFF Isolation
60
60
dB typ
RL = 50 Ω,CL = 5 pF, f = 1 MHz;
Test Circuit 6
Channel-to-Channel Crosstalk
100
100
dB typ
RL =50 Ω,CL = 5 pF, f = 1 MHz;
Test Circuit 7
CS (OFF)
7
7
pF typ
f = 1 MHz
CD (OFF)
10
10
pF typ
f = 1 MHz
CD, CS (ON)
16
16
pF typ
f = 1 MHz
POWER REQUIREMENTS
VDD = +13.2 V
IDD
Digital Inputs = 0 V or 5 V
ADG441/ADG442
80
80
µA max
ADG444
0.001
0.001
µA typ
1
2.5
1
2.5
µA max
IL (ADG444 Only)
0.001
0.001
µA typ
VL = +5.5 V
1
2.5
1
2.5
µA max
NOTES
1Temperature ranges are as follows: B Versions: –40
°C to +85°C; T Versions: –55°C to +125°C.
2Guaranteed by design, not subject to production test.
Specifications subject to change without notice.
Single Supply(V
DD = +12 V
± 10%, V
SS = 0 V, VL = +5 V
± 10% (ADG444), GND = 0 V, unless otherwise noted)



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com