Electronic Components Datasheet Search
  English  ▼

X  

ADM1024 Datasheet(PDF) 5 Page - Analog Devices

Part # ADM1024
Description  System Hardware Monitor with Remote Diode Thermal Sensing
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM1024 Datasheet(HTML) 5 Page - Analog Devices

  ADM1024 Datasheet HTML 1Page - Analog Devices ADM1024 Datasheet HTML 2Page - Analog Devices ADM1024 Datasheet HTML 3Page - Analog Devices ADM1024 Datasheet HTML 4Page - Analog Devices ADM1024 Datasheet HTML 5Page - Analog Devices ADM1024 Datasheet HTML 6Page - Analog Devices ADM1024 Datasheet HTML 7Page - Analog Devices ADM1024 Datasheet HTML 8Page - Analog Devices ADM1024 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 28 page
background image
ADM1024
–5–
REV. 0
PIN FUNCTION DESCRIPTIONS
Pin
No.
Mnemonic
Description
1
NTEST_OUT/ADD
Digital I/O. Dual Function pin. This is a three-state input that controls the 2 LSBs of the Serial
Bus Address. This pin functions as an output when doing a NAND test.
2
THERM
Digital I/O. Dual Function pin. This pin functions as an interrupt output for temperature interrupts
only, or as an interrupt input for fan control. It has an on-chip 100 k
Ω pull-up resistor.
3
SDA
Digital I/O. Serial Bus bidirectional Data. Open-drain output.
4
SCL
Digital Input. Serial Bus Clock.
5
FAN1/AIN1
Programmable Analog/Digital Input. 0 V to 2.5 V analog input or digital (0 to VCC) amplitude fan
tachometer input.
6
FAN2/AIN2
Programmable Analog/Digital Input. 0 V to 2.5 V analog input or digital (0 to VCC) amplitude fan
tachometer input.
7
CI
Digital I/O. An active high input from an external latch which captures a Chassis Intrusion event.
This line can go high without any clamping action, regardless of the powered state of the ADM1024. The
ADM1024 provides an internal open drain on this line, controlled by Bit 6 of Register 40h or Bit 7 of
Register 46h, to provide a minimum 20 ms pulse on this line, to reset the external Chassis Intrusion Latch.
8
GND
System Ground.
9VCC
POWER (2.8 V to 5.5 V). Typically powered from 3.3 V power rail. Bypass with the parallel combination of
10
µF (electrolytic or tantalum) and 0.1 µF (ceramic) bypass capacitors.
10
INT
Digital Output. Interrupt Request (open-drain). The output is enabled when Bit 1 of Register 40h
is set to 1. The default state is disabled. It has an on-chip 100 k
Ω pull-up resistor.
11
NTEST_IN/AOUT
Digital Input/Analog Output. An active-high input that enables NAND Test mode board-level connectivity
testing. Refer to section on NAND testing. Also functions as a programmable analog output when NAND
Test is not selected.
12
RESET
Digital I/O. Master Reset, 5 mA driver (open drain), active low output with a 45 ms minimum pulsewidth.
Set using Bit 4 in Register 40h. Also acts as reset input when pulled low (e.g., power-on reset). It has an
on-chip 100 k
Ω pull-up resistor.
13
D1–
Analog Input. Connected to cathode of first external temperature sensing diode.
14
D1+
Analog Input. Connected to anode of first external temperature sensing diode.
15
+12 VIN
Programmable Analog Input. Monitors 12 V supply.
16
+5 VIN
Analog Input. Monitors 5 V supply.
17
VCCP2/D2–
Programmable Analog Input. Monitors second processor core voltage or cathode of second external
temperature sensing diode.
18
+2.5 VIN/D2+
Programmable Analog Input. Monitors 2.5 V supply or anode of second external temperature sensing diode.
19
+VCCP1
Analog Input. Monitors 1st processor core voltage (0 V to 3.6 V).
20
VID4/IRQ4
Digital Input. Core Voltage ID readouts from the processor. This value is read into the VID4 Status Regis-
ter. Can also be reconfigured as an interrupt input. It has an on-chip 100 k
Ω pull-up resistor.
21
VID3/IRQ3
Digital Input. Core Voltage ID readouts from the processor. This value is read into the VID0–VID3 S tatus
Register. Can also be reconfigured as an interrupt input. It has an on-chip 100 k
Ω pull-up resistor.
22
VID2/IRQ2
Digital Input. Core Voltage ID readouts from the processor. This value is read into the VID0-VID3 S tatus
Register. Can also be reconfigured as an interrupt input. It has an on-chip 100 k
Ω pull-up resistor.
23
VID1/IRQ1
Digital Input. Core Voltage ID readouts from the processor. This value is read into the VID0–VID3 St atus
Register. Can also be reconfigured as an interrupt input. It has an on-chip 100 k
Ω pull-up resistor.
24
VID0/IRQ0
Digital Input. Core Voltage ID readouts from the processor. This value is read into the VID0–VID3 St atus
Register. Can also be reconfigured as an interrupt input. It has an on-chip 100 k
Ω pull-up resistor.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com