Electronic Components Datasheet Search
  English  ▼

X  

ADM1024 Datasheet(PDF) 17 Page - Analog Devices

Part # ADM1024
Description  System Hardware Monitor with Remote Diode Thermal Sensing
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM1024 Datasheet(HTML) 17 Page - Analog Devices

Back Button ADM1024 Datasheet HTML 13Page - Analog Devices ADM1024 Datasheet HTML 14Page - Analog Devices ADM1024 Datasheet HTML 15Page - Analog Devices ADM1024 Datasheet HTML 16Page - Analog Devices ADM1024 Datasheet HTML 17Page - Analog Devices ADM1024 Datasheet HTML 18Page - Analog Devices ADM1024 Datasheet HTML 19Page - Analog Devices ADM1024 Datasheet HTML 20Page - Analog Devices ADM1024 Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 28 page
background image
ADM1024
–17–
REV. 0
measurement. Therefore, if the start of a fan measurement just
misses a rising edge, the measurement can take almost three tach
periods. In order to read a valid result from the fan value registers,
the total monitoring time allowed after starting the monitor-
ing cycle should, therefore, be three tach periods of FAN1 plus
three tach periods of FAN2 at the lowest normal fan speed.
Although the fan monitoring cycle and the analog input monitoring
cycle are started together, they are not synchronized in any
other way.
FAN MANUFACTURERS
Manufacturers of cooling fans with tachometer outputs are
listed below:
NMB Tech
9730 Independence Ave.
Chatsworth, California 91311
Phone: 818-341-3355; Fax: 818-341-8207
Airflow
Model
Frame Size
CFM
2408NL
2.36 in sq.
× 0.79 in (60 mm sq. × 20 mm)
9–16
2410ML 2.36 in sq.
× 0.98 in (60 mm sq. × 25 mm) 14–25
3108NL
3.15 in sq.
× 0.79 in (80 mm sq. × 20 mm) 25–42
3110KL
3.15 in sq.
× 0.98 in (80 mm sq. × 25 mm) 25–40
Mechatronics Inc.
P.O. Box 613
Preston, WA 98050
800-453-4569
Models—Various sizes available with tach output option.
Sanyo Denki, America, Inc.
468 Amapola Avenue
Torrance, CA 90501
310-783-5400
Models—109P Series
CHASSIS INTRUSION INPUT
The Chassis Intrusion input is an active high input/open-drain
output intended for detection and signalling of unauthorized
tampering with the system. An external circuit powered from
the system’s CMOS backup battery is used to detect and latch a
chassis intrusion event, whether or not the system is powered
up. Once a chassis intrusion has been detected and latched, the
CI input will generate an interrupt when the system is powered up.
The actual detection of chassis intrusion is performed by an
external circuit that will, for example, detect when the cover
has been removed. A wide variety of techniques may be used for
the detection, for example:
• Microswitch that opens or closes when the cover is removed.
• Reed switch operated by magnet fixed to the cover.
• Hall-effect switch operated by magnet fixed to the cover.
• Phototransistor that detects light when cover is removed.
The chassis intrusion interrupt will remain asserted until the
external detection circuit is reset. This can be achieved by setting
Bit 7 of the Chassis Intrusion Clear Register to one, which will
cause the CI pin to be pulled low for at least 20 ms. This regis-
ter bit is self-clearing.
The chassis intrusion circuit should be designed so that it can be
reset by pulling its output low. A suitable chassis intrusion circuit
using a phototransistor is shown in Figure 19. Light falling on
the phototransistor when the PC cover is removed will cause it
to turn on and pull up the input of N1, thus setting the latch
N3/N4. After the cover is replaced, a low reset on the CI output
will pull down the input of N4, resetting the latch.
74HC132
100k
10k
CI
MRD901
470k
1N914
CMOS
BACKUP
BATTERY
5V
1N914
N1
N2
N3
N4
Figure 19. Chassis Intrusion Detector and Latch
The Chassis Intrusion input can also be used for other types of
alarm input. Figure 20 shows a temperature alarm circuit using
an AD22105 temperature switch sensor. This produces a low-
going output when the preset temperature is exceeded, so the
output is inverted by Q1 to make it compatible with the CI input.
Q1 can by almost any small-signal NPN transistor, or a TTL
or CMOS inverter gate may be used if one is available. See the
AD22105 data sheet for information on selecting RSET.
CI
AD22105
TEMPERATURE
SENSOR
VCC
R1
10k
RSET
Q1
Figure 20. Using the CI Input with a Temperature Sensor
Note: The chassis intrusion input does not have a protective
clamp diode to VCC, as this could pull down the chassis intru-
sion latch and reset it when the ADM1024 was powered down.
THE ADM1024 INTERRUPT STRUCTURE
The Interrupt Structure of the ADM1024 is shown in Figure 21.
As each measurement value is obtained and stored in the
appropriate value register, the value and the limits from the
corresponding limit registers are fed to the high and low limit
comparators. The result of each comparison (1 = out of limit,
0 = in limit) is routed to the corresponding bit input of the
Interrupt Status Registers via a data demultiplexer, and used to
set that bit high or low as appropriate.
The Interrupt Mask Registers have bits corresponding to each of
the Interrupt Status Register Bits. Setting an Interrupt Mask Bit
high forces the corresponding Status Bit output low, while setting
an Interrupt Mask Bit low allows the corresponding Status Bit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com