Electronic Components Datasheet Search
  English  ▼

X  

ADM1024 Datasheet(PDF) 20 Page - Analog Devices

Part # ADM1024
Description  System Hardware Monitor with Remote Diode Thermal Sensing
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM1024 Datasheet(HTML) 20 Page - Analog Devices

Back Button ADM1024 Datasheet HTML 16Page - Analog Devices ADM1024 Datasheet HTML 17Page - Analog Devices ADM1024 Datasheet HTML 18Page - Analog Devices ADM1024 Datasheet HTML 19Page - Analog Devices ADM1024 Datasheet HTML 20Page - Analog Devices ADM1024 Datasheet HTML 21Page - Analog Devices ADM1024 Datasheet HTML 22Page - Analog Devices ADM1024 Datasheet HTML 23Page - Analog Devices ADM1024 Datasheet HTML 24Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 28 page
background image
ADM1024
–20–
REV. 0
If
THERM is cleared by reading the status register, it will be
reasserted after the next temperature reading and comparison if
it remains above the high limit.
If
THERM is cleared by setting Bit 6 of Configuration Register
1, it cannot be reasserted until this bit is cleared.
THERM will also be asserted if one of the hardware temperature
limits at addresses 13h, 14h, 17h, or 18h is exceeded for three
consecutive measurements. When this happens, the analog output
will be forced to FFh to boost a controlled cooling fan to full speed.
Reading Status Register 1 will not clear
THERM in this case,
because errors caused by exceeding the hardware temperature
limits are stored in a separate register that is not cleared by
reading the status register. In this case,
THERM can only be
cleared by setting Bit 0 of Configuration Register 2.
THERM will be cleared automatically if the temperature falls at
least 5 degrees below the limit for three consecutive measurements.
ACPI MODE
In ACPI mode,
THERM responds only to the hardware tem-
perature limits at addresses 13h, 14h, 17h and 18h, not to the
software programmed limits.
HARDWARE
TRIP POINT
THERM
ANALOG
OUTPUT
TEMP
PROGRAMMED
VALUE
FFh
FFh
5
EXT
THERM
INPUT
Figure 23b.
THERM Output in ACPI Mode
THERM will go low if either the internal or external hardware
temperature limit is exceeded for three consecutive measurements.
It will remain low until the temperature falls at least 5 degrees
below the limit for three consecutive measurements. While
THERM is low, the analog output will go to FFh to boost a
controlled fan to full speed.
RESET INPUT/OUTPUT
RESET (Pin 12) is an I/O pin that can function as an open-
drain output, providing a low-going 20 ms output pulse when
Bit 4 of the Configuration Register is set to 1, provided the reset
function has first been enabled by setting Bit 7 of Interrupt
Mask Registers #2 to 1. The bit is automatically cleared when
the reset pulse is output. Pin 11 can also function as a
RESET
input by pulling this pin low to reset the internal registers of the
ADM1024 to default values. Only those registers that have power
on default values as listed in Table VI are affected by this function.
The DAC register, Value and Limit Registers are not affected.
NAND TESTS
A NAND gate is provided in the ADM1024 for Automated Test
Equipment (ATE) board level connectivity testing. The device
is placed into NAND Test Mode by powering up with Pin 11 held
high. This pin is automatically sampled after power-up and if it
is connected high, then the NAND test mode is invoked.
In NAND test mode, all digital inputs may be tested as illustrated
below. NTEST_OUT/ADD will become the NAND test output
pin. To perform a NAND tree test all pins included in the NAND
tree should first be driven high. Each pin can then be toggled
and a resulting toggle can be observed on NTEST_OUT/ADD.
Allow for a typical propagation delay of 500 ns. The structure of
the NAND tree is shown in Figure 24.
LATCH
C
Q
D
ENABLE
POWER-ON
RESET
NTEST IN/AOUT
SDA
SCL
FAN1
FAN2
VID0
VID1
VID2
VID3
VID4
NTEST OUT/ADD
Figure 24. NAND Tree
Note that NTEST_OUT/ADD is a dual function line and if
both functions are required, then this line should not be hard-
wired directly to VCC/GND. Instead it should be connected via a
5 k
Ω resistor.
Note: If any of the inputs shown in Figure 24 are unused, they
should not be connected directly to ground, but via a resistor such
as 10 k
Ω. This will allow the ATE (Automatic Test Equipment)
to drive every input high so that the NAND tree test can be carried
out properly.
USING THE ADM1024
POWER-ON RESET
When power is first applied, the ADM1024 performs a “power-
on reset” on several of its registers. Registers whose power-on
values are not shown have power-on conditions that are indeter-
minate (this includes the Value and Limit Registers). The ADC
is inactive. In most applications, usually the first action after
power-on would be to write limits into the Limit Registers.
Power-on reset clears or initializes the following registers (the ini-
tialized values are shown in Table VIII):
• Configuration Registers #1 and #2
• Channel Mode Register
• Interrupt (
INT) Status Registers #1 and #2
• Interrupt (
INT) Status Mirror Registers #1 and #2
• Interrupt (
INT) Mask Registers #1 and #2
• VID/Fan Divisor Register
• VID4 Register
• Chassis Intrusion Clear Register
• Test Register
• Analog Output Register
• Hardware Trip Registers
INITIALIZATION
Configuration Register INITIALIZATION performs a similar,
but not identical, function to power-on reset. The Test Register
and Analog Output Register are not initialized.
Configuration Register INITIALIZATION is accomplished by
setting Bit 7 of the Configuration Register high. This bit auto-
matically clears after being set.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com