Electronic Components Datasheet Search
  English  ▼

X  

ADM1024 Datasheet(PDF) 16 Page - Analog Devices

Part # ADM1024
Description  System Hardware Monitor with Remote Diode Thermal Sensing
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM1024 Datasheet(HTML) 16 Page - Analog Devices

Back Button ADM1024 Datasheet HTML 12Page - Analog Devices ADM1024 Datasheet HTML 13Page - Analog Devices ADM1024 Datasheet HTML 14Page - Analog Devices ADM1024 Datasheet HTML 15Page - Analog Devices ADM1024 Datasheet HTML 16Page - Analog Devices ADM1024 Datasheet HTML 17Page - Analog Devices ADM1024 Datasheet HTML 18Page - Analog Devices ADM1024 Datasheet HTML 19Page - Analog Devices ADM1024 Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 28 page
background image
ADM1024
–16–
REV. 0
If the fan has a strong pull-up (less than 1 k
Ω) to 12 V, or a
totem-pole output, then a series resistor can be added to limit the
Zener current, as shown in Figure 17c. Alternatively, a resistive
attenuator may be used, as shown in Figure 17d.
R1 and R2 should be chosen such that:
2 V < VPULL-UP
× R2/(R
PULL-UP + R1 + R2) < 5 V
The fan inputs have an input resistance of nominally 160 k
Ω to
ground, so this should be taken into account when calculating
resistor values.
With a pull-up voltage of 12 V and pull-up resistor less than 1 k
Ω,
suitable values for R1 and R2 would be 100 k
Ω and 47 kΩ. This
will give a high-input voltage of 3.83 V.
12V
TACHO
OUTPUT
FAN1 OR
FAN2
VCC
FAN SPEED
COUNTER
ZD1*
ZENER
*CHOOSE ZD1 VOLTAGE APPROX. 0.8
VCC
PULL-UP
TYP. <1k
OR TOTEM-POLE
R1
10k
160k
Figure 17c. Fan with Strong Tach. Pull-Up to >VCC or
Totem-Pole Output, Clamped with Zener and Resistor
12V
<1k
TACHO
OUTPUT
FAN1 OR
FAN2
VCC
*SEE TEXT
R2*
R1*
FAN SPEED
COUNTER
160k
Figure 17d. Fan with Strong Tach. Pull-Up to >VCC or
Totem-Pole Output, Attenuated with R1/R2
FAN SPEED MEASUREMENT
The fan counter does not count the fan tach output pulses directly,
because the fan speed may be less than 1000 rpm and it would
take several seconds to accumulate a reasonably large and accu-
rate count. Instead, the period of the fan revolution is measured
by gating an on-chip 22.5 kHz oscillator into the input of an 8-bit
counter for two periods of the fan tach output, as shown in Fig-
ure 18; the accumulated count is actually proportional to the fan
tach period and inversely proportional to the fan speed.
22.5kHz
CLOCK
CONFIG.
REG. 1 BIT 0
FAN1
INPUT
FAN2
INPUT
START OF
MONITORING
CYCLE
FAN1
MEASUREMENT
PERIOD
FAN2
MEASUREMENT
PERIOD
Figure 18. Fan Speed Measurement
The monitoring cycle begins when a one is written to the Start
Bit (Bit 0), and a zero to the
INT_Clear Bit (Bit 3) of the
Configuration Register.
INT_Enable (Bit 1) should be set to
one to enable the
INT output. The measurement begins on the
rising edge of a fan tach pulse, and ends on the next-but-one
rising edge. The fans are monitored sequentially, so if only one
fan is monitored the monitoring time is the time taken after the
Start Bit for it to produce two complete tach cycles or for the
counter to reach full scale, whichever occurs sooner. If more
than one fan is monitored, the monitoring time depends on the
speed of the fans and the timing relationship of their tach pulses.
This is illustrated in Figure 19. Once the fan speeds have been
measured, they will be stored in the Fan Speed Value Registers
and the most recent value can be read at any time. The measure-
ments will be updated as long as the monitoring cycle continues.
To accommodate fans of different speed and/or different num-
bers of output pulses per revolution, a prescaler (divisor) of
1, 2, 4, or 8 may be added before the counter. The default value
is 2, which gives a count of 153 for a fan running at 4400 rpm
producing two output pulses per revolution.
The count is calculated by the equation:
Count = (22.5
× 103 × 60) /(rpm × Divisor)
For constant speed fans, fan failure is normally considered to have
occurred when the speed drops below 70% of nominal, which
would correspond to a count of 219. Full scale (255) would be
reached if the fan speed fell to 60% of its nominal value. For
temperature-controlled variable speed fans the situation will be
different.
Table V shows the relationship between fan speed and time
per revolution at 60%, 70%, and 100% of nominal rpm for fan
speeds of 1100, 2200, 4400, and 8800 rpm, and the divisor that
would be used for each of these fans, based on two tach pulses
per revolution.
Table V. Fan Speeds and Divisors
Time
Time
Time
per
per
per
Nominal Rev
70%
Rev (70%) 60%
Rev (60%)
Divisor rpm
(ms)
rpm (ms)
rpm
(ms)
÷1
8800
6.82
6160 9.74
5280
11.36
÷2
4400
13.64
3080 19.48
2640
22.73
÷4
2200
27.27
1540 38.96
1320
45.44
÷8
1100
54.54
770
77.92
660
90.90
FAN1 and FAN2 Divisors are programmed into Bits 4 to 7 of
the VID 0–3/Fan Divisor Register.
LIMIT VALUES
Fans in general will not overspeed if run from the correct voltage,
so the failure condition of interest is underspeed due to electrical
or mechanical failure. For this reason only, low-speed limits are
programmed into the limit registers for the fans. It should be noted
that, since fan period rather than speed is being measured, a fan
failure interrupt will occur when the measurement exceeds the
limit value.
MONITORING CYCLE TIME
The monitoring cycle time depends on the fan speed and number
of tach output pulses per revolution. Two complete periods of the
fan tach output (three rising edges) are required for each fan



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com