Electronic Components Datasheet Search
  English  ▼

X  

ADM202E Datasheet(PDF) 6 Page - Analog Devices

Part # ADM202E
Description  EMI/EMC Compliant, -15 kV ESD Protected, RS-232 Line Drivers/Receivers
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM202E Datasheet(HTML) 6 Page - Analog Devices

Back Button ADM202E Datasheet HTML 2Page - Analog Devices ADM202E Datasheet HTML 3Page - Analog Devices ADM202E Datasheet HTML 4Page - Analog Devices ADM202E Datasheet HTML 5Page - Analog Devices ADM202E Datasheet HTML 6Page - Analog Devices ADM202E Datasheet HTML 7Page - Analog Devices ADM202E Datasheet HTML 8Page - Analog Devices ADM202E Datasheet HTML 9Page - Analog Devices ADM202E Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
ADM202E/ADM1181A
–6–
REV. 0
Typical Performance Curves
CL – pF
10
8
–8
0
2500
500
1000
1500
2000
2
–2
–4
–6
6
4
0
VCC = +5V
TA = 25 C
Figure 6. Transmitter Output Voltage High/Low vs.
Load Capacitance @ 230 kbps
VCC – V
12
10
0
3
5.5
3.5
4
4.5
5
8
6
4
2
TA = 25 C
Figure 7. Transmitter Output Voltage High vs. VCC
ILOAD – mA
10
–10
05
10
15
20
25
8
2
–2
–6
–8
6
4
0
–4
VCC = +5V
TA = 25 C
Figure 8. Charge Pump V+, V– vs. Current
ILOAD – mA
15
–15
010
1
2
3
4
5678
10
5
0
–5
–10
9
VCC = +5V
TA = 25 C
Figure 9. Transmitter Output Voltage Low/High vs.
Load Current
VCC = +5V
TA = 25 C
Figure 10. 230 kbps Data Transmission
VCC – V
400
350
0
3
5.5
3.5
4
4.5
5
200
150
100
50
300
250
TA = 25 C
Figure 11. Charge Pump Impedance vs. VCC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com