Electronic Components Datasheet Search
  English  ▼

X  

ADM202E Datasheet(PDF) 8 Page - Analog Devices

Part # ADM202E
Description  EMI/EMC Compliant, -15 kV ESD Protected, RS-232 Line Drivers/Receivers
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM202E Datasheet(HTML) 8 Page - Analog Devices

Back Button ADM202E Datasheet HTML 4Page - Analog Devices ADM202E Datasheet HTML 5Page - Analog Devices ADM202E Datasheet HTML 6Page - Analog Devices ADM202E Datasheet HTML 7Page - Analog Devices ADM202E Datasheet HTML 8Page - Analog Devices ADM202E Datasheet HTML 9Page - Analog Devices ADM202E Datasheet HTML 10Page - Analog Devices ADM202E Datasheet HTML 11Page - Analog Devices ADM202E Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
ADM202E/ADM1181A
–8–
REV. 0
Table I. IEC1000-4-2 Compliance Levels
Level
Contact Discharge
Air Discharge
1
2 kV
2 kV
2
4 kV
4 kV
3
6 kV
8 kV
4
8 kV
15 kV
Table II. ADM202E/ADM1181A ESD Test Results
ESD Test Method
I/O Pins
Other Pins
MIL-STD-883B
±15 kV
±3 kV
IEC1000-4-2
Contact
±8 kV
Air
±15 kV
FAST TRANSIENT BURST TESTING (IEC1000-4-4)
IEC1000-4-4 (previously 801-4) covers electrical fast-transient/
burst (EFT) immunity. Electrical fast transients occur as a re-
sult of arcing contacts in switches and relays. The tests simulate
the interference generated when for example a power relay dis-
connects an inductive load. A spark is generated due to the well
known back EMF effect. In fact the spark consists of a burst of
sparks as the relay contacts separate. The voltage appearing on
the line therefore consists of a bust of extremely fast transient
impulses. A similar effect occurs when switching on fluorescent
lights.
The fast transient burst test defined in IEC1000-4-4 simulates
this arcing and its waveform is illustrated in Figure 11. It con-
sists of a burst of 2.5 kHz to 5 kHz transients repeating at
300 ms intervals. It is specified for both power and data lines.
300ms
15ms
t
V
5ns
0.2/0.4ms
50ns
V
t
Figure 15. IEC1000-4-4 Fast Transient Waveform
A simplified circuit diagram of the actual EFT generator is illus-
trated in Figure 16.
The transients are coupled onto the signal lines using an EFT
coupling clamp. The clamp is 1 m long and it completely sur-
rounds the cable providing maximum coupling capacitance
(50 pF to 200 pF typ) between the clamp and the cable. High
energy transients are capacitively coupled onto the signal lines.
Fast rise times (5 ns) as specified by the standard result in very
effective coupling. This test is very severe since high voltages are
coupled onto the signal lines. The repetitive transients can often
cause problems where single pulses don’t. Destructive latchup
may be induced due to the high energy content of the tran-
sients. Note that this stress is applied while the interface prod-
ucts are powered up and are transmitting data. The EFT test
applies hundreds of pulses with higher energy than ESD. Worst
case transient current on an I/O line can be as high as 40 A.
RC
RM
CC
HIGH
VOLTAGE
SOURCE
L
ZS
CD
50
Ω
OUTPUT
Figure 16. IEC1000-4-4 Fast Transient Generator
Test results are classified according to the following:
1. Normal performance within specification limits.
2. Temporary degradation or loss of performance that is
self-recoverable.
3. Temporary degradation or loss of function or performance
that requires operator intervention or system reset.
4. Degradation or loss of function that is not recoverable due
to damage.
The ADM202E/ADM1181A have been tested under worst case
conditions using unshielded cables and meet Classification 2.
Data transmission during the transient condition is corrupted,
but it may be resumed immediately following the EFT event
without user intervention.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com