Electronic Components Datasheet Search
  English  ▼

X  

ADM202E Datasheet(PDF) 7 Page - Analog Devices

Part # ADM202E
Description  EMI/EMC Compliant, -15 kV ESD Protected, RS-232 Line Drivers/Receivers
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM202E Datasheet(HTML) 7 Page - Analog Devices

Back Button ADM202E Datasheet HTML 3Page - Analog Devices ADM202E Datasheet HTML 4Page - Analog Devices ADM202E Datasheet HTML 5Page - Analog Devices ADM202E Datasheet HTML 6Page - Analog Devices ADM202E Datasheet HTML 7Page - Analog Devices ADM202E Datasheet HTML 8Page - Analog Devices ADM202E Datasheet HTML 9Page - Analog Devices ADM202E Datasheet HTML 10Page - Analog Devices ADM202E Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
ADM202E/ADM1181A
–7–
REV. 0
ESD TESTING (IEC1000-4-2)
IEC1000-4-2 (previously 801-2) specifies compliance testing
using two coupling methods, contact discharge and air-gap
discharge. Contact discharge calls for a direct connection to the
unit being tested. Air-gap discharge uses a higher test voltage
but does not make direct contact with the unit under test. With
air discharge, the discharge gun is moved towards the unit un-
der test developing an arc across the air gap, hence the term air-
gap discharge. This method is influenced by humidity, tempera-
ture, barometric pressure, distance and rate of closure of the dis-
charge gun. The contact-discharge method while less realistic is
more repeatable and is gaining acceptance in preference to the
air-gap method.
Although very little energy is contained within an ESD pulse,
the extremely fast rise time coupled with high voltages can cause
failures in unprotected semiconductors. Catastrophic destruc-
tion can occur immediately as a result of arcing or heating. Even
if catastrophic failure does not occur immediately, the device
may suffer from parametric degradation which may result in de-
graded performance. The cumulative effects of continuous ex-
posure can eventually lead to complete failure.
I/O lines are particularly vulnerable to ESD damage. Simply
touching or plugging in an I/O cable can result in a static dis-
charge which can damage or completely destroy the interface
product connected to the I/O port. Traditional ESD test meth-
ods such as the MIL-STD-883B method 3015.7 do not fully
test a product’s susceptibility to this type of discharge. This test
was intended to test a product’s susceptibility to ESD damage
during handling. Each pin is tested with respect to all other
pins. There are some important differences between the tradi-
tional test and the IEC test:
a. The IEC test is much more stringent in terms of discharge
energy. The peak current injected is over four times greater.
b. The current rise time is significantly faster in the IEC test.
c. The IEC test is carried out while power is applied to the device.
It is possible that the ESD discharge could induce latch-up in
the device under test. This test therefore is more representative
of a real-world I/O discharge where the equipment is operating
normally with power applied. For maximum peace of mind,
however, both tests should be performed therefore ensuring
maximum protection both during handling and later during field
service.
R1
R2
C1
DEVICE
UNDER TEST
HIGH
VOLTAGE
GENERATOR
ESD TEST METHOD
R2
C1
H. BODY MIL-STD883B
1.5k
Ω
100pF
IEC1000-4-2
330
Ω
150pF
Figure 12. ESD Test Standards
100
90
36.8
10
tDL
tRL
TIME t
Figure 13. Human Body Model ESD Current Waveform
100
90
10
TIME t
30ns
60ns
0.1 TO 1ns
Figure 14. IEC1000-4-2 ESD Current Waveform
The ADM202E/ADM1181E products are tested using both the
above mentioned test methods. All pins are tested with respect
to all other pins as per the MIL-STD-883B specification. In ad-
dition all I/O pins are tested as per the IEC test specification.
The products were tested under the following conditions:
a. Power-On
b. Power-Off
There are four levels of compliance defined by IEC1000-4-2.
The ADM202E/ADM1181A products meet the most stringent
compliance level for both contact and for air-gap discharge.
This means that the products are able to withstand contact dis-
charges in excess of 8 kV and air-gap discharges in excess of
15 kV.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com