Electronic Components Datasheet Search
  English  ▼

X  

ADM202E Datasheet(PDF) 2 Page - Analog Devices

Part # ADM202E
Description  EMI/EMC Compliant, -15 kV ESD Protected, RS-232 Line Drivers/Receivers
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM202E Datasheet(HTML) 2 Page - Analog Devices

  ADM202E Datasheet HTML 1Page - Analog Devices ADM202E Datasheet HTML 2Page - Analog Devices ADM202E Datasheet HTML 3Page - Analog Devices ADM202E Datasheet HTML 4Page - Analog Devices ADM202E Datasheet HTML 5Page - Analog Devices ADM202E Datasheet HTML 6Page - Analog Devices ADM202E Datasheet HTML 7Page - Analog Devices ADM202E Datasheet HTML 8Page - Analog Devices ADM202E Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
REV. 0
–2–
ADM202E/ADM1181A–SPECIFICATIONS
(VCC = +5.0 V
10%, C1–C4 = 0.1
F. All specifications
TMIN to TMAX unless otherwise noted.)
Parameter
Min
Typ
Max
Units
Test Conditions/Comments
DC CHARACTERISTICS
Operating Voltage Range
4.5
5.0
5.5
Volts
VCC Power Supply Current
2.0
3.0
mA
No Load
15
18
mA
RL = 3 k
Ω to GND
LOGIC
Input Logic Threshold Low, VINL
0.8
V
TIN
Input Logic Threshold High, VINH
2.4
V
TIN
CMOS Output Voltage Low, VOL
0.4
V
IOUT = 3.2 mA
CMOS Output Voltage High, VOH
3.5
V
IOUT = –1 mA
Input Leakage Current
0.01
±10
µAT
IN = GND to VCC
RS-232 RECEIVER
EIA-232 Input Voltage Range
–30
+30
V
EIA-232 Input Threshold Low
0.4
0.8
V
EIA-232 Input Threshold High
1.1
2.4
V
EIA-232 Input Hysteresis
0.7
V
EIA-232 Input Resistance
3
5
7
k
Ω
RS-232 TRANSMITTER
Output Voltage Swing
±5.0
±9.0
Volts
All Transmitter Outputs
Loaded with 3 k
Ω to Ground
Transmitter Output Resistance
300
Ω
VCC = 0 V, VOUT =
±2 V
RS-232 Output Short Circuit Current
±15
±60
mA
TIMING CHARACTERISTICS
Maximum Data Rate
230
kbps
RL = 3 k
Ω to 7 kΩ, C
L = 50 pF to 2500 pF
Receiver Propagation Delay
TPHL
0.3
1
µs
TPLH
0.6
1
µs
Transmitter Propagation Delay
1.2
1.5
µsR
L = 3 k
Ω, C
L = 2500 pF
Transition Region Slew Rate
3
10
30
V/
µsR
L = 3 kΩ, CL = 2500 pF
Measured from +3 V to –3 V or
–3 V to +3 V
EM IMMUNITTY
ESD Protection (I/O pins)
±15
kV
Human Body Model
±15
kV
IEC1000-4-2 Air Discharge
±8 kV
kV
IEC1000-4-2 Contact Discharge
EFT Protection (I/O pins)
±2
kV
IEC1000-4-4
EMI Immunity
10
V/m
IEC1000-4-3
Specifications subject to change without notice.
ABSOLUTE MAXIMUM RATINGS*
(TA = +25°C unless otherwise noted)
VCC . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . –0.3 V to +6 V
V+ . . . . . . . . . . . . . . . . . . . . . . . . . . . . (VCC – 0.3 V) to +14 V
V– . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . +0.3 V to –14 V
Input Voltages
TIN . . . . . . . . . . . . . . . . . . . . . . . . . . –0.3 V to (V+, +0.3 V)
RIN . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
±30 V
Output Voltages
TOUT . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . ± 15 V
ROUT . . . . . . . . . . . . . . . . . . . . . . . . –0.3 V to (VCC + 0.3 V)
Short Circuit Duration
TOUT . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Continuous
Power Dissipation
Power Dissipation N-16 . . . . . . . . . . . . . . . . . . . . . . . . 450 mW
(Derate 6 mW/
°C above +50°C)
θ
JA, Thermal Impedance . . . . . . . . . . . . . . . . . . . . . 117
°C/W
Power Dissipation R-16 . . . . . . . . . . . . . . . . . . . . . . . . 450 mW
(Derate 6 mW/
°C above +50°C)
θ
JA, Thermal Impedance . . . . . . . . . . . . . . . . . . . . . 158
°C/W
Power Dissipation RU-16 . . . . . . . . . . . . . . . . . . . . . . 500 mW
(Derate 6 mW/
°C above +50°C)
θ
JA, Thermal Impedance . . . . . . . . . . . . . . . . . . . . . 158
°C/W
Operating Temperature Range
Industrial (A Version) . . . . . . . . . . . . . . . . . –40
°C to +85°C
Storage Temperature Range . . . . . . . . . . . . . –65
°C to +150°C
Lead Temperature (Soldering, 10 sec) . . . . . . . . . . . . . +300
°C
ESD Rating (MIL-STD-883B) (I/O Pins) . . . . . . . . . .
±15 kV
ESD Rating MIL-STD-883B (Except I/O) . . . . . . . . . .
±3 kV
ESD Rating (IEC1000-4-2 Air) (I/O Pins) . . . . . . . . .
±15 kV
ESD Rating (IEC1000-4-2 Contact) (I/O Pins) . . . . . . .
±8 kV
EFT Rating (IEC1000-4-4) (I/O Pins) . . . . . . . . . . . . .
±2 kV
*This is a stress rating only and functional operation of the device at these or any
other conditions above those indicated in the operation sections of this specifica-
tion is not implied. Exposure to absolute maximum rating conditions for extended
periods of time may affect reliability.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com