Electronic Components Datasheet Search
  English  ▼

X  

PCF8523TS Datasheet(PDF) 17 Page - NXP Semiconductors

Part # PCF8523TS
Description  Real-Time Clock (RTC) and calendar
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF8523TS Datasheet(HTML) 17 Page - NXP Semiconductors

Back Button PCF8523TS Datasheet HTML 13Page - NXP Semiconductors PCF8523TS Datasheet HTML 14Page - NXP Semiconductors PCF8523TS Datasheet HTML 15Page - NXP Semiconductors PCF8523TS Datasheet HTML 16Page - NXP Semiconductors PCF8523TS Datasheet HTML 17Page - NXP Semiconductors PCF8523TS Datasheet HTML 18Page - NXP Semiconductors PCF8523TS Datasheet HTML 19Page - NXP Semiconductors PCF8523TS Datasheet HTML 20Page - NXP Semiconductors PCF8523TS Datasheet HTML 21Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 75 page
background image
PCF8523
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Product data sheet
Rev. 4 — 5 July 2012
17 of 74
NXP Semiconductors
PCF8523
Real-Time Clock (RTC) and calendar
8.5.2.1
Standard mode
If VDD > VBAT OR VDD >Vth(sw)bat, the internal power supply is VDD.
If VDD < VBAT AND VDD <Vth(sw)bat, the internal power supply is VBAT.
Fig 9.
Battery switch-over behavior in standard mode and with bit BSIE set logic 1
(enabled)
013aaa321
internal power supply (= VBBS)
cleared via interface
backup battery operation
BSF
Vth(sw)bat
(= 2.5 V)
VDD (= 0 V)
VBAT
VDD
VBBS
VBBS
INT1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com