Electronic Components Datasheet Search
  English  ▼

X  

PCF8523TS Datasheet(PDF) 24 Page - NXP Semiconductors

Part # PCF8523TS
Description  Real-Time Clock (RTC) and calendar
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF8523TS Datasheet(HTML) 24 Page - NXP Semiconductors

Back Button PCF8523TS Datasheet HTML 20Page - NXP Semiconductors PCF8523TS Datasheet HTML 21Page - NXP Semiconductors PCF8523TS Datasheet HTML 22Page - NXP Semiconductors PCF8523TS Datasheet HTML 23Page - NXP Semiconductors PCF8523TS Datasheet HTML 24Page - NXP Semiconductors PCF8523TS Datasheet HTML 25Page - NXP Semiconductors PCF8523TS Datasheet HTML 26Page - NXP Semiconductors PCF8523TS Datasheet HTML 27Page - NXP Semiconductors PCF8523TS Datasheet HTML 28Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 75 page
background image
PCF8523
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Product data sheet
Rev. 4 — 5 July 2012
24 of 74
NXP Semiconductors
PCF8523
Real-Time Clock (RTC) and calendar
Because of this method, it is very important to make a read or write access in one go, that
is, setting or reading seconds through to years should be made in one single access.
Failing to comply with this method could result in the time becoming corrupted.
As an example, if the time (seconds through to hours) is set in one access and then in a
second access the date is set, it is possible that the time will increment between the two
accesses. A similar problem exists when reading. A rollover may occur between reads
thus giving the minutes from one moment and the hours from the next.
8.7 Alarm registers
The registers at addresses 0Ah through 0Dh contain the alarm information.
8.7.1 Register Minute_alarm
[1]
Default value.
8.7.2 Register Hour_alarm
[1]
Default value.
[2]
Hour mode is set by bit 12_24 in register Control_1 (see Table 7).
Table 22.
Minute_alarm - minute alarm register (address 0Ah) bit description
Bit
Symbol
Value
Place value Description
7
AE_M
0
-
minute alarm is enabled
1[1]
-
minute alarm is disabled
6 to 4
MINUTE_ALARM
0 to 5
ten’s place
minute alarm information coded in
BCD format
3 to 0
0 to 9
unit place
Table 23.
Hour_alarm - hour alarm register (address 0Bh) bit description
Bit
Symbol
Value
Place value Description
7
AE_H
0
-
hour alarm is enabled
1[1]
-
hour alarm is disabled
6
-
-
-
unused
12 hour mode[2]
5
AMPM
0
-
indicates AM
1
-
indicates PM
4
HOUR_ALARM
0 to 1
ten’s place
hour alarm information in 12 hour
mode coded in BCD format
3 to 0
0 to 9
unit place
24 hour mode[2]
5 to 4
HOURS
0 to 2
ten’s place
hour alarm information in 24 hour
mode coded in BCD format
3to0
0to 9
unit place



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com