Electronic Components Datasheet Search
  English  ▼

X  

PCF8523TS Datasheet(PDF) 20 Page - NXP Semiconductors

Part # PCF8523TS
Description  Real-Time Clock (RTC) and calendar
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF8523TS Datasheet(HTML) 20 Page - NXP Semiconductors

Back Button PCF8523TS Datasheet HTML 16Page - NXP Semiconductors PCF8523TS Datasheet HTML 17Page - NXP Semiconductors PCF8523TS Datasheet HTML 18Page - NXP Semiconductors PCF8523TS Datasheet HTML 19Page - NXP Semiconductors PCF8523TS Datasheet HTML 20Page - NXP Semiconductors PCF8523TS Datasheet HTML 21Page - NXP Semiconductors PCF8523TS Datasheet HTML 22Page - NXP Semiconductors PCF8523TS Datasheet HTML 23Page - NXP Semiconductors PCF8523TS Datasheet HTML 24Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 75 page
background image
PCF8523
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Product data sheet
Rev. 4 — 5 July 2012
20 of 74
NXP Semiconductors
PCF8523
Real-Time Clock (RTC) and calendar
8.6.1 Register Seconds
[1]
Start-up value.
8.6.1.1
Oscillator STOP flag
The OS flag is set whenever the oscillator is stopped (see Figure 12). The flag remains
set until cleared by using the interface. When the oscillator is not running, then the OS flag
cannot be cleared. This method can be used to monitor the oscillator.
The oscillator may be stopped, for example, by grounding one of the oscillator pins, OSCI
or OSCO. The oscillator is also considered to be stopped during the time between
power-on and stable crystal resonance. This time may be in a range of 200 ms to 2 s,
depending on crystal type, temperature, and supply voltage. At power-on, the OS flag is
always set.
Table 12.
Seconds - seconds and clock integrity status register (address 03h) bit
description
Bit
Symbol
Value
Place value Description
7
OS
0
-
clock integrity is guaranteed
1[1]
-
clock integrity is not guaranteed;
oscillator has stopped or been
interrupted
6 to 4
SECONDS
0 to 5
ten’s place
actual seconds coded in BCD
format
3 to 0
0 to 9
unit place
Table 13.
SECONDS coded in BCD format
Seconds value in
decimal
Upper-digit (ten’s place)
Digit (unit place)
Bit
Bit
6
5
4
3
2
1
0
00
000
0000
01
000
0001
02
000
0010
:
:::
::::
09
000
1001
10
001
0000
:
:::
::::
58
101
1000
59
101
1001



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com