Electronic Components Datasheet Search
  English  ▼

X  

PCF8523TS Datasheet(PDF) 31 Page - NXP Semiconductors

Part # PCF8523TS
Description  Real-Time Clock (RTC) and calendar
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF8523TS Datasheet(HTML) 31 Page - NXP Semiconductors

Back Button PCF8523TS Datasheet HTML 27Page - NXP Semiconductors PCF8523TS Datasheet HTML 28Page - NXP Semiconductors PCF8523TS Datasheet HTML 29Page - NXP Semiconductors PCF8523TS Datasheet HTML 30Page - NXP Semiconductors PCF8523TS Datasheet HTML 31Page - NXP Semiconductors PCF8523TS Datasheet HTML 32Page - NXP Semiconductors PCF8523TS Datasheet HTML 33Page - NXP Semiconductors PCF8523TS Datasheet HTML 34Page - NXP Semiconductors PCF8523TS Datasheet HTML 35Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 75 page
background image
PCF8523
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Product data sheet
Rev. 4 — 5 July 2012
31 of 74
NXP Semiconductors
PCF8523
Real-Time Clock (RTC) and calendar
8.8.3 Offset calibration workflow
The calibration offset has to be calculated based on the time. Figure 18 shows the
workflow how the offset register values can be calculated:
Fig 18. Offset calibration calculation workflow
Measure the frequency on pin CLKOUT:
fmeas
Convert to time:
tmeas = 1 / fmeas
Calculate the difference to the ideal
period of 1 / 32768.00:
Dmeas = 1 / 32768 - tmeas
Calculate the ppm deviation compared
to the measured value:
Eppm = 1000000 × Dmeas / tmeas
Calculate the offset register value:
Mode = 0 (low power):
Offset value = Eppm / 4.34
Mode = 1 (fast correction)
Offset value = Eppm / 4.069
013aaa683
Example
32768.48 Hz
30.5171 µs
0.000447 µs
14.6484 ppm
3.375
3 correction pulses
are needed
3.600
4 correction pulses
are needed



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com