Electronic Components Datasheet Search
  English  ▼

X  

PCM5121 Datasheet(PDF) 49 Page - Texas Instruments

Click here to check the latest version.
Part # PCM5121
Description  2VRMS DirectPath?? 112/106dB Audio Stereo DAC with 32-bit, 384kHz PCM Interface
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PCM5121 Datasheet(HTML) 49 Page - Texas Instruments

Back Button PCM5121 Datasheet HTML 45Page - Texas Instruments PCM5121 Datasheet HTML 46Page - Texas Instruments PCM5121 Datasheet HTML 47Page - Texas Instruments PCM5121 Datasheet HTML 48Page - Texas Instruments PCM5121 Datasheet HTML 49Page - Texas Instruments PCM5121 Datasheet HTML 50Page - Texas Instruments PCM5121 Datasheet HTML 51Page - Texas Instruments PCM5121 Datasheet HTML 52Page - Texas Instruments PCM5121 Datasheet HTML 53Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 107 page
background image
−0.2
−0.15
−0.1
−0.05
0
0.05
0.1
0.15
0.2
0
0.1
0.2
0.3
0.4
0.5
Frequency (
× f
S)
G009
−120
−100
−80
−60
−40
−20
0
0
1
2
3
4
Frequency (
× f
S)
G003
−0.4
−0.2
0
0.2
0.4
0.6
0.8
1
0
10
20
30
40
50
60
70
80
Samples
G006
PCM5121, PCM5122
www.ti.com
SLAS763A – AUGUST 2012 – REVISED SEPTEMBER 2012
Table 27. Asymmetric FIR x8 Interpolation Filter, Single Rate
Parameter
Condition
Value (Typical)
Value (Max)
Units
Filter Gain Pass Band
0 ……. 0.40fS
±0.05
dB
Filter Gain Stop Band
0.72fS ….. 7.28fS
–50
dB
Filter Group Delay
1.2tS
S
Figure 53. Asymmetric FIR x8 Interpolation Filter
Figure 54. Asymmetric FIR x8 Interpolation Filter
Frequency Response, Single Rate
Impulse Response, Single Rate
Figure 55. Asymmetric FIR x8 Interpolation Filter Passband Ripple, Single Rate
Copyright © 2012, Texas Instruments Incorporated
Submit Documentation Feedback
49
Product Folder Links: PCM5121 PCM5122



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com