Electronic Components Datasheet Search
  English  ▼

X  

PCM5121 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # PCM5121
Description  2VRMS DirectPath?? 112/106dB Audio Stereo DAC with 32-bit, 384kHz PCM Interface
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PCM5121 Datasheet(HTML) 7 Page - Texas Instruments

Back Button PCM5121 Datasheet HTML 3Page - Texas Instruments PCM5121 Datasheet HTML 4Page - Texas Instruments PCM5121 Datasheet HTML 5Page - Texas Instruments PCM5121 Datasheet HTML 6Page - Texas Instruments PCM5121 Datasheet HTML 7Page - Texas Instruments PCM5121 Datasheet HTML 8Page - Texas Instruments PCM5121 Datasheet HTML 9Page - Texas Instruments PCM5121 Datasheet HTML 10Page - Texas Instruments PCM5121 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 107 page
background image
PCM5121, PCM5122
www.ti.com
SLAS763A – AUGUST 2012 – REVISED SEPTEMBER 2012
Table 5. PCM512x Hardwired mode Terminal Functions (continued)
Terminal
I/O
Description
Name
Pin
MODE1
17
I
Mode-control selection pins (2)
•
MODE1=Low, MODE2=Low : Hardwired mode
•
MODE1=Low, MODE2=High : I2C mode
MODE2
18
I
•
MODE1=High : SPI mode, MODE2 pin changes MS pin (chip select
for SPI)
FLT
19
I
Filter select : Normal latency (Low) / Low latency (High)
SCK
20
I
System clock input(2)
BCK
21
I/O
Audio data bit clock input(2)
DIN
22
I
Audio data input(2)
LRCK
23
I/O
Audio data word clock input(2)
FMT
24
I
Audio format selection : I2S (Low) / Left justified (High)
XSMT
25
I
Soft mute control : Soft mute (Low) / soft un-mute (High)(2)
LDOO
26
-
Internal logic supply rail terminal for decoupling, 1.8V
DGND
27
-
Digital ground
DVDD
28
-
Digital power supply, 3.3V or 1.8V
(2)
Failsafe LVCMOS Schmitt trigger input.
Copyright © 2012, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: PCM5121 PCM5122



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com