Electronic Components Datasheet Search
  English  ▼

X  

PCM5121 Datasheet(PDF) 73 Page - Texas Instruments

Click here to check the latest version.
Part # PCM5121
Description  2VRMS DirectPath?? 112/106dB Audio Stereo DAC with 32-bit, 384kHz PCM Interface
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PCM5121 Datasheet(HTML) 73 Page - Texas Instruments

Back Button PCM5121 Datasheet HTML 69Page - Texas Instruments PCM5121 Datasheet HTML 70Page - Texas Instruments PCM5121 Datasheet HTML 71Page - Texas Instruments PCM5121 Datasheet HTML 72Page - Texas Instruments PCM5121 Datasheet HTML 73Page - Texas Instruments PCM5121 Datasheet HTML 74Page - Texas Instruments PCM5121 Datasheet HTML 75Page - Texas Instruments PCM5121 Datasheet HTML 76Page - Texas Instruments PCM5121 Datasheet HTML 77Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 107 page
background image
t
BUF
t
S-HD
t
LOW
t
D-SU
t
D-HD
t
SCL-F
t
SCL-R
t
RS-HD
t
RS-SU
t
SP
t
P-SU
SDA
SCL
t
HI
START
Repeated
START
STOP
t
SDA-R
t
SDA-F
PCM5121, PCM5122
www.ti.com
SLAS763A – AUGUST 2012 – REVISED SEPTEMBER 2012
Table 50. Write Operation - Basic I2C Framework
Transmitter
M
M
M
S
M
S
M
S
S
M
Data Type
St
slave address
R/
ACK
DATA
ACK
DATA
ACK
ACK
Sp
Table 51. Read Operation - Basic I2C Framework
Transmitter
M
M
M
S
S
M
S
M
M
M
Data Type
St
slave address
R/
ACK
DATA
ACK
DATA
ACK
NACK
Sp
M = Master Device; S = Slave Device; St = Start Condition Sp = Stop Condition
Write Register
A master can write to any PCM512x registers using single or multiple accesses. The master sends a PCM512x
slave address with a write bit, a register address with auto-increment bit, and the data. If auto-increment is
enabled, the address is that of the starting register, followed by the data to be transferred. When the data is
received properly, the index register is incremented by 1 automatically. When the index register reaches 0x7F,
the next value is 0x0. Table 52 shows the write operation.
Table 52. Write Operation
Transmitter
M
M
M
S
M
S
M
S
M
S
S
M
reg
write
write
Data Type
St
slave addr
W
ACK
inc
ACK
ACK
ACK
ACK
Sp
addr
data 1
data 2
M = Master Device; S = Slave Device; St = Start Condition Sp = Stop Condition; W = Write; ACK = Acknowledge
Read Register
A master can read the PCM512x register. The value of the register address is stored in an indirect index register
in advance. The master sends a PCM512x slave address with a read bit after storing the register address. Then
the PCM512x transfers the data which the index register points to. When auto-increment is enabled, the index
register is incremented by 1 automatically. When the index register reaches 0x7F, the next value is 0x0. Table 53
shows the read operation.
Table 53. Read Operation
Transmitter
M
M
M
S
M
S
M
M
M
S
S
M
M
M
slave
reg
slave
Data Type
St
W
ACK
inc
ACK
Sr
R
ACK
data
ACK
NACK
Sp
addr
addr
addr
M = Master Device; S = Slave Device; St = Start Condition; Sr = Repeated start condition; Sp = Stop Condition;
W = Write; R = Read; NACK = Not acknowledge
Timing Characteristics
Figure 89. Register Access Timing
Copyright © 2012, Texas Instruments Incorporated
Submit Documentation Feedback
73
Product Folder Links: PCM5121 PCM5122



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com