Electronic Components Datasheet Search
  English  ▼

X  

PCM5121 Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # PCM5121
Description  2VRMS DirectPath?? 112/106dB Audio Stereo DAC with 32-bit, 384kHz PCM Interface
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PCM5121 Datasheet(HTML) 8 Page - Texas Instruments

Back Button PCM5121 Datasheet HTML 4Page - Texas Instruments PCM5121 Datasheet HTML 5Page - Texas Instruments PCM5121 Datasheet HTML 6Page - Texas Instruments PCM5121 Datasheet HTML 7Page - Texas Instruments PCM5121 Datasheet HTML 8Page - Texas Instruments PCM5121 Datasheet HTML 9Page - Texas Instruments PCM5121 Datasheet HTML 10Page - Texas Instruments PCM5121 Datasheet HTML 11Page - Texas Instruments PCM5121 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 107 page
background image
PCM5121, PCM5122
SLAS763A – AUGUST 2012 – REVISED SEPTEMBER 2012
www.ti.com
ABSOLUTE MAXIMUM RATINGS
over operating free-air temperature range (unless otherwise noted)
VALUE
UNIT
AVDD, CPVDD, DVDD
–0.3 to 3.9
Supply Voltage
LDOO wtih DVDD at 1.8V (See Typical Applications Circuits)
–0.3 to 2.25
DVDD at 1.8V
–0.3 to 2.25
V
Digital Input Voltage
DVDD at 3.3V
–0.3 to 3.9
Analog Input Voltage
–0.3 to 3.9
Operating Temperature Range
–25 to 85
°C
Storage Temperature Range
–65 to 150
THERMAL CHARACTERISTICS
over operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
θJA
Theta JA
High K
72.2
θJC
Theta JC
Top
17.5
θJB
Theta JB
35.0
ºC/W
ψJT
Psi JT
0.4
ψJB
Psi JB
34.5
8
Submit Documentation Feedback
Copyright © 2012, Texas Instruments Incorporated
Product Folder Links: PCM5121 PCM5122



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com