Electronic Components Datasheet Search
  English  ▼

X  

ADP3156 Datasheet(PDF) 7 Page - Analog Devices

Part # ADP3156
Description  Dual Power Supply Controller for Desktop Systems
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP3156 Datasheet(HTML) 7 Page - Analog Devices

Back Button ADP3156 Datasheet HTML 3Page - Analog Devices ADP3156 Datasheet HTML 4Page - Analog Devices ADP3156 Datasheet HTML 5Page - Analog Devices ADP3156 Datasheet HTML 6Page - Analog Devices ADP3156 Datasheet HTML 7Page - Analog Devices ADP3156 Datasheet HTML 8Page - Analog Devices ADP3156 Datasheet HTML 9Page - Analog Devices ADP3156 Datasheet HTML 10Page - Analog Devices ADP3156 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
REV. 0
ADP3156
–7–
During the standby operating state, the 12 V, 5 V and 3.3 V
power supply outputs are disabled, and only a low power 5 V
rail (5VSB) is available. The circuits that must remain active in
standby must be able to run from 5VSB. To accomplish this,
power routing is required to allow switching between normal
and standby supplies. Lack of a 12 V rail in standby makes control
of linear outputs difficult, and with up to 8 A demand from the
1.5 V and 1.8 V rails, an all-linear solution is inefficient.
Figure 13 shows a typical ACP-compliant Pentium III / chipset
power management system using the ADP3155 and ADP3156.
The ADP3155 provides VID switched output and two linear
regulators for standby operation. A charge-pump-doubled 5VSB is
ORed into the supply rail to supply the linear regulators during
standby operation. The VID output collapses when the main
5 V rail collapses, but the N-channel MOSFET linear regu-
lators can continue to supply current from the ~9 V supply.
The ADP3156 provides 1.8 V via its main switching regulator,
and allows efficient linear regulation of 1.5 V rail by using the
1.8 V output as its source.
The design parameters for an ACPI-compliant Pentium III
peripheral system depend on what peripherals are used
(e.g., AGP) and what their specifications are. The following is
an example where the higher of two low system voltages (1.8 V
and 1.5 V) is created directly with the main buck converter, and
also used to supply power for the lower output voltage using the
ADP3156’s linear regulator controller.
Input voltage (power source): VIN = 5 V
Auxiliary voltage: VCC = 12 V
Output voltages and tolerances: V1 = 1.8 V ± 5%, V2 = 1.5 V ±
5%
Maximum output currents: I1MAX = 3 A, I2MAX = 4 A
Slew rate of load current change: di1/dt = di2/dt >10 A/µs
The absence of an inductor on the 1.5 V linear regulated output
allows the output current to respond quickly and the linear
regulator MOSFET’s resistance to be modulated quickly. This,
and some small bypassing capacitors, essentially insulates the
1.5 V output from transient activity on the 1.8 V output. How-
ever, this same fast response characteristic means that any 1.5 V
transient activity will be passed straight through the linear regu-
lator to the 1.8 V output. This means that the 1.8 V output filter
capacitor selection must consider both 1.8 V and 1.5 V load
transients.
In this design example, worst case consideration requires that
the 1.8 V output be designed for transient current loading of
I1MAX + I2MAX = 7 A. Also, because a practical switching regula-
tor design will have a current slew rate of <1 A/
µs due to the
inductor, nearly the entire 7 A transient current must be ab-
sorbed by the output capacitors.
CT Selection for Operating Frequency
The ADP3156 uses a constant-off-time architecture with tOFF
determined by an external timing capacitor CT. Each time the
high side N-channel MOSFET switch turns on, the voltage
across CT is reset to approximately 3.3 V. During the off-time,
CT is discharged by a constant current of 65 µA. Once CT reaches
2.3 V, a new on-time cycle is initiated. The value of the off-time
is calculated using the continuous-mode operating frequency.
Assuming a nominal operating frequency of fNOM = 200 kHz at
an output voltage of 1.8 V, the corresponding off-time is:
t
V
Vf
s
OFF
O
IN
NOM
=
=
1
1
32
–.
µ
The timing capacitor can be calculated from the equation:
C
tA
V
pF
T
OFF
=
×
=
65
1
208
µ
5V_PM
POWER
MANAGEMENT
FUNCTIONS
VCC
12V
POWER MANAGEMENT
STATE COMMAND
5V_PM
ATX_POWER GOOD
PMSC
5V_PM
ATXPG
VCC
ADP3155
VID_4:0
LIN#2_
CTRLS
LIN#1_
CTRLS
MAIN_
CTRLS
SWITCHER
IN
CTRLS
OUT
LINEAR#1
IN
CTRLS
OUT
LINEAR#2
IN
CTRLS
OUT
5V
5V_PM
CPU
VCORE @ VID
3.3V_PM
FOR POWER
MANAGEMENT
TRIPLE
OUTPUT
SUPPLY
VID
VCC
ADP3156
LIN_
CTRLS
MAIN_
CTRLS
12V
DUAL
OUTPUT
SUPPLY
IN
CTRLS
OUT
SWITCHER
5V
IN
CTRLS
OUT
LINEAR
3.3V_IN
1.5V_IN
VDDQ
POWER ROUTING
SELECT
3.3V
1.8V FOR
SB CORE,
MEM, ETC
1.5V VTT
FOR GTL
1.5V OR 3.3V
VDDQ FOR AGP
TYPEDET# FOR
AGP SELECT
ATX
(OR NLX)
POWER
SUPPLY
12V
5V
3.3V
5V_ALWAYS
ATX_PGOOD
ATX_SHUTDOWN
GND
12V
5V
3.3V
5V_PM
ATX_POWERGOOD
ATX_SHUTDOWN
2.5V_PM
FOR CMOS,
CLOCK, MEMORY
Figure 13. ACPI-Compliant Pentium III System Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com