Electronic Components Datasheet Search
  English  ▼

X  

ADP3156 Datasheet(PDF) 8 Page - Analog Devices

Part # ADP3156
Description  Dual Power Supply Controller for Desktop Systems
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP3156 Datasheet(HTML) 8 Page - Analog Devices

Back Button ADP3156 Datasheet HTML 4Page - Analog Devices ADP3156 Datasheet HTML 5Page - Analog Devices ADP3156 Datasheet HTML 6Page - Analog Devices ADP3156 Datasheet HTML 7Page - Analog Devices ADP3156 Datasheet HTML 8Page - Analog Devices ADP3156 Datasheet HTML 9Page - Analog Devices ADP3156 Datasheet HTML 10Page - Analog Devices ADP3156 Datasheet HTML 11Page - Analog Devices ADP3156 Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
REV. 0
ADP3156
–8–
The converter operates at the nominal operating frequency only
at the VOUT specified above, and at light load. At higher load
conditions, the operating frequency decreases due to the para-
sitic voltage drops across the power devices. The actual mini-
mum frequency at VOUT = 1.8 V is calculated from Equation 1,
and is a function of the finite resistances of various components
in the power converter.
COUT Selection—Determining the ESR
The required ESR and capacitance drive the selection of the
type and quantity of the output capacitors. The ESR must be
small enough that both the resistive voltage deviation due to a
step change in the load current and the output ripple voltage
stay below the values defined in the specification of the supplied
circuitry. The capacitance must be large enough that the output
is held up while the inductor current ramps up or down to the
value corresponding to the new load current.
Taking into account the
±1% setpoint accuracy of the ADP3156,
and assuming a 1% (or 15 mV) peak-to-peak ripple, the allowed
static voltage deviation of the output voltage when the load
changes between the minimum and maximum values is:
(2
× 5% × 1.5 V) – (2 × 1% × 1.5 V) – (1% × 1.5 V) = 105 mV
This sets the maximum ESR at 105 mV/7 A = 15 m
Ω. Four
parallel capacitors of 470
µF with a maximum ESR of 60 mΩ
will achieve the 15 m
Ω maximum net ESR. Whether or not the
capacitance is sufficient must be determined after the inductor
is selected.
Inductor Selection
The minimum inductor value can be calculated from ESR, off-
time, dc output voltage and allowed peak-to-peak ripple voltage
using the following equation:
L
Vt
R
V
sm
mV
H
MIN
O OFF
E MAX
RIPPLE p p
1
15
32
7
15
224
==
××
=µ
−
()
..
.
µΩ
The minimum inductance gives a peak-to-peak ripple current of
2.14 A, or 35% of the maximum dc output current IOMAX. The
inductor peak current in normal operation is:
ILPEAK = IOMAX + IRPP/2 = 8.07 A
The inductor valley current is:
ILVALLEY = ILPEAK – IRPP /2 = 5.93 A
The inductor for this application should have an inductance of
not less than 2.24
µH at full load current and should not satu-
rate at the worst-case overload or short circuit current at the
maximum specified ambient temperature. For this example, it is
assumed the inductance might drop as much as 33% due to
load current, so its initial value might be as high as 3.36
µH.
Tips for Selecting the Inductor Core
Ferrite designs have very low core loss, so the design should
focus on copper loss and on preventing saturation. Molypermalloy,
or MPP, is a low loss core material for toroids, and it yields the
smallest size inductor, but MPP cores are more expensive than
ferrite cores or the Kool M
µ® cores from Magnetics, Inc. The
lowest cost core is made of powdered iron, for example the #52
material from Micrometals, Inc., but yields a larger size inductor.
COUT Selection—Determining the Capacitance
The minimum capacitance of the output capacitor is determined
from the requirement that the output be held up while the in-
ductor current ramps up (or down) to the new value. The mini-
mum capacitance should produce an initial dv/dt which is equal
(but opposite in sign) to the dv/dt obtained by multiplying the
di/dt in the inductor and the ESR of the capacitor.
C
II
Rdi dt
C
AA
mV
H
F
MIN
OMAX
OMIN
E
MIN
=
=
−
()
=
–
(/
)
./ .
70
15
18
336
871
Ωµ
µ
In the above equation the value of di/dt is calculated as the
smaller voltage across the inductor (i.e., the smaller of
VIN – VOUT and VOUT) divided by the maximum inductance
(3.36
µH) of the inductor. The four parallel-connected
470
µF capacitors have a total capacitance of 1880 µF, so the
minimum capacitance requirement is met with ample margin.
RSENSE
The value of RSENSE is based on the required output current.
The current comparator of the ADP3156 has a threshold range
that extends from 0 mV to 125 mV (minimum). Note that the
full 125 mV range cannot be used for the maximum specified
nominal current, as headroom is needed for current ripple and
transients.
The current comparator threshold sets the peak of the inductor
current yielding a maximum output current IOMAX, which equals
the peak value less half of the peak-to-peak ripple current. Solv-
ing for RSENSE and allowing a 20% margin for overhead, and
using the minimum current sense threshold of 125 mV yields:
RSENSE = (125 mV)/[1.2(IOMAX + IRPP/2)] = 12.9 mΩ
Once
RSENSE has been chosen, the peak short-circuit current
ISC(PK) can be predicted from the following equation:
ISC(PK) = (145 mV)/RSENSE = (145 mV)/(12.9 mΩ)= 11.2 A
The actual short-circuit current is less than the above-calculated
ISC(PK) value because the off-time rapidly increases when the
output voltage drops below 1 V. The relationship between the
off-time and the output voltage is:
t
CV
V
k
A
OFF
T
O
≈
×
+
1
360
2
Ω
µ
With a short circuit across the output, the off-time will be about
104
µs. During that time the inductor current gradually decays.
The amount of decay depends on the L/R time constant in the
output circuit. With an inductance of 2.24
µH and total resis-
tance of 40 m
Ω (the inductor’s series resistance plus the sense
resistor), the time constant will be 56
µs. This yields a valley
f
t
VI
R
I
R
R
R
V
VI
R
I
R
R
R
R
MIN
OFF
IN
IN
IN
OMAX
DS ON HSF
SENSE
L
O
IN
IN
IN
OMAX
DS ON HSF
SENSE
L
DS ON LSF
=×
++
++
1
––
(
) –
––
(
–
)
()
()
()
(1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com