Electronic Components Datasheet Search
  English  ▼

X  

ADP3404 Datasheet(PDF) 5 Page - Analog Devices

Part # ADP3404
Description  GSM Power Management System
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP3404 Datasheet(HTML) 5 Page - Analog Devices

  ADP3404 Datasheet HTML 1Page - Analog Devices ADP3404 Datasheet HTML 2Page - Analog Devices ADP3404 Datasheet HTML 3Page - Analog Devices ADP3404 Datasheet HTML 4Page - Analog Devices ADP3404 Datasheet HTML 5Page - Analog Devices ADP3404 Datasheet HTML 6Page - Analog Devices ADP3404 Datasheet HTML 7Page - Analog Devices ADP3404 Datasheet HTML 8Page - Analog Devices ADP3404 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
ADP3404
–5–
REV. 0
ABSOLUTE MAXIMUM RATINGS
*
Voltage on Any Pin with Respect to Any
GND Pin . . . . . . . . . . . . . . . . . . . . . . . . . . . . –0.3 V, +10 V
Voltage on Any Pin May Not Exceed VBAT, with the
Following Exceptions: VRTC,
VSIM, CAP+, PWRONIN, I/O, CLK, RST
Storage Temperature Range . . . . . . . . . . . . –65
°C to +150°C
Operating Temperature Range . . . . . . . . . . . –20
°C to +85°C
Maximum Junction Temperature . . . . . . . . . . . . . . . . . 125
°C
θ
JA, Thermal Impedance (TSSOP-28) . . 4-Layer Board 68
°C/W
θJA, Thermal Impedance (TSSOP-28) . . 6-Layer Board 62
°C/W
Lead Temperature Range (Soldering, 60 sec) . . . . . . . . 300
°C
*This is a stress rating only, operation beyond these limits can cause the device to
be permanently damaged.
CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily
accumulate on the human body and test equipment and can discharge without detection.
Although the ADP3404 features proprietary ESD protection circuitry, permanent damage may
occur on devices subjected to high-energy electrostatic discharges. Therefore, proper ESD
precautions are recommended to avoid performance degradation or loss of functionality.
WARNING!
ESD SENSITIVE DEVICE
PIN CONFIGURATION
28
27
26
25
24
23
22
21
20
19
18
17
16
15
1
2
3
4
5
6
7
8
9
10
11
12
13
14
ADP3404
CHRON
ROWX
PWRONIN
ANALOGON
PWRONKEY
VCC
VBAT
RESCAP
DGND
VTCXO
RESET
AGND
VCCA
REFOUT
VRTC
CAP–
SIMBAT
DATAIO
RESETIN
CLKIN
SIMGND
CAP+
VSIM
CLK
SIMON
I/O
RST
SIMPROG
NARROW BODY
TSSOP-28
(Not To Scale)
PIN FUNCTION DESCRIPTIONS
Pin
Mnemonic
Function
1
RESCAP
Reset Delay Timing Cap
2
DGND
Digital Ground
3
VTCXO
Crystal Oscillator Low Dropout
Regulator
4
RESET
Main Reset
5
REFOUT
Reference Output
6
VCCA
Analog Low Dropout Regulator
7
AGND
Analog Ground
8
VBAT
Battery Input Voltage
9
VCC
Digital Low Dropout Regulator
10
PWRONKEY
Power-On/-Off Key
11
ANALOGON
VTCXO Enable
12
PWRONIN
Power On/Off Signal from
Microprocessor
13
ROWX
Microprocessor Keyboard Output
14
CHRON
Charger On/Off Input
15
VRTC
Real-Time Clock Supply/Coin
Cell Battery Charger
16
CAP–
Negative Side of Boost Capacitor
17
SIMBAT
Battery Input for the SIM
Charge Pump
18
DATAIO
Non-Level-Shifted Bidirectional
Data I/O
19
RESETIN
Non-Level-Shifted SIM Reset
20
CLKIN
Non-Level-Shifted Clock
21
SIMGND
Charge Pump Ground
22
I/O
Level-Shifted Bidirectional SIM
Data Input/Output
23
RST
Level-Shifted SIM Reset
24
SIMPROG
VSIM Programming:
Low = 3 V, High = 5 V
25
SIMON
VSIM Enable
26
CLK
Level-Shifted SIM Clock
27
VSIM
SIM Supply
28
CAP+
Positive Side of Boost Capacitor
ORDERING GUIDE
Temperature
Package
Package
Model
Range
Description
Option
ADP3404ARU –20
°C to +85°C 28-Lead TSSOP RU-28



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com