Electronic Components Datasheet Search
  English  ▼

X  

ADP3404 Datasheet(PDF) 4 Page - Analog Devices

Part # ADP3404
Description  GSM Power Management System
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP3404 Datasheet(HTML) 4 Page - Analog Devices

  ADP3404 Datasheet HTML 1Page - Analog Devices ADP3404 Datasheet HTML 2Page - Analog Devices ADP3404 Datasheet HTML 3Page - Analog Devices ADP3404 Datasheet HTML 4Page - Analog Devices ADP3404 Datasheet HTML 5Page - Analog Devices ADP3404 Datasheet HTML 6Page - Analog Devices ADP3404 Datasheet HTML 7Page - Analog Devices ADP3404 Datasheet HTML 8Page - Analog Devices ADP3404 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
–4–
REV. 0
ADP3404–SPECIFICATIONS
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
SIM INTERFACE
VSIM = 5 V
RST
VOL
I = +200
µA
0.6
V
RST
VOH
I = –20
µA
VSIM – 0.7
V
CLK
VOL
I = +200
µA
0.5
V
CLK
VOH
I = –20
µA
0.7
VSIM
V
I/O
VIL
0.4
V
I/O
VIH, VOH
IIH, IOH =
±20 µA
VSIM – 0.4
V
I/O
IIL
VIL = 0 V
–0.9
mA
I/O
VOL
IOL = 1 mA
0.4
V
DATAIO
≤ 0.23 V
VSIM = 3 V
RST
VOL
I = +200
µA
0.2
VSIM
V
RST
VOH
I = –20
µA
0.8
VSIM
V
CLK
VOL
I = +20
µA
0.2
VSIM
V
CLK
VOH
I = –20
µA
0.7
VSIM
V
I/O
VIL
0.4
V
I/O
VIH, VOH
IIH, IOH =
±20 µA
VSIM – 0.4
V
I/O
IIL
VIL= 0 V
–0.9
mA
I/O
VOL
IOL = 1 mA
0.4
V
DATAIO
≤ 0.23 V
I/O Pull-Up Resistance to VSIM
RIN
810
12
k
Ω
Max Frequency (CLK)
fMAX
CL = 30 pF
5
MHz
Prop Delay (CLK)
tD
30
50
ns
Output Rise/Fall Times (CLK)
tR, tF
CL = 30 pF
9
18
ns
Output Rise/Fall Times (I/O, RST)
tR, tF
CL = 30 pF
1
µs
Duty Cycle (CLK)
D
D CLKIN = 50%
47
53
%
f = 5 MHz
RESET GENERATOR (RESET)
Output High Voltage
VOH
IOH = –15
µA
VCC – 0.3
V
Output Low Voltage
VOL
IOL = –15
µA
0.3
V
Delay Time per Unit Capacitance
tD
1.0
ms/nF
Applied to RESCAP Pin
NOTES
1All limits at temperature extremes are guaranteed via correlation using standard Statistical Quality Control (SQC) methods .
2This feature is intended to protect against catastrophic failure of the device. Maximum allowed operating junction temperature is 125
°C. Operation beyond 125°C
could cause permanent damage to the device.
3Required for stability.
Specifications subject to change without notice.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com