Electronic Components Datasheet Search
  English  ▼

X  

ADP3404 Datasheet(PDF) 7 Page - Analog Devices

Part # ADP3404
Description  GSM Power Management System
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP3404 Datasheet(HTML) 7 Page - Analog Devices

Back Button ADP3404 Datasheet HTML 3Page - Analog Devices ADP3404 Datasheet HTML 4Page - Analog Devices ADP3404 Datasheet HTML 5Page - Analog Devices ADP3404 Datasheet HTML 6Page - Analog Devices ADP3404 Datasheet HTML 7Page - Analog Devices ADP3404 Datasheet HTML 8Page - Analog Devices ADP3404 Datasheet HTML 9Page - Analog Devices ADP3404 Datasheet HTML 10Page - Analog Devices ADP3404 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
ADP3404
–7–
REV. 0
VBAT – V
350
300
100
37
4
56
250
200
150
PWRONIN, SIMON, AND ANALOGON
PWRONIN AND SIMON
PWRONIN
TPC 1. Ground Current vs. Battery Voltage
LOAD CURRENT – mA
0
140
20
40
60
80
100
120
160
0
140
80
60
40
20
120
100
TPC 2. VCCA Dropout Voltage vs. Load Current
LOAD CURRENT – mA
80
0
70
40
30
20
10
60
50
0
1
2
345
TPC 3. VTCXO Dropout Voltage vs. Load Current
Typical Performance Characteristics–
VRTC – V
200
0
0
2.7
0.3
0.6
0.9
1.2
1.5
1.8
2.1
2.4
180
100
60
40
20
160
140
80
120
+85 C
+25 C
20 C
TPC 4. RTC I/V Characteristic
TIME – 100 s/DIV
VBAT 100mV/DIV
3.2
3.0
MLCC CAPS
VCC 10mV/DIV
VCCA 10mV/DIV
VTCXO 10mV/DIV
TPC 5. Line Transient Response, Maximum Loads
TIME – 100 s/DIV
3.2
3.0
MLCC CAPS
VBAT (100mV/DIV)
VCC (10mV/DIV)
VCCA (10mV/DIV)
VTCXO (10mV/DIV)
TPC 6. Line Transient Response, Minimum Loads



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com