Electronic Components Datasheet Search
  English  ▼

X  

ADP3404 Datasheet(PDF) 12 Page - Analog Devices

Part # ADP3404
Description  GSM Power Management System
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP3404 Datasheet(HTML) 12 Page - Analog Devices

Back Button ADP3404 Datasheet HTML 4Page - Analog Devices ADP3404 Datasheet HTML 5Page - Analog Devices ADP3404 Datasheet HTML 6Page - Analog Devices ADP3404 Datasheet HTML 7Page - Analog Devices ADP3404 Datasheet HTML 8Page - Analog Devices ADP3404 Datasheet HTML 9Page - Analog Devices ADP3404 Datasheet HTML 10Page - Analog Devices ADP3404 Datasheet HTML 11Page - Analog Devices ADP3404 Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 12 / 12 page
background image
–12–
REV. 0
ADP3404
OUTLINE DIMENSIONS
Dimensions shown in inches and (mm).
28-Lead Thin Shrink Small Outline (TSSOP)
(RU-28)
0.177 (4.50)
0.169 (4.30)
28
15
14
1
0.386 (9.80)
0.378 (9.60)
0.256 (6.50)
0.246 (6.25)
PIN 1
SEATING
PLANE
0.006 (0.15)
0.002 (0.05)
0.0118 (0.30)
0.0075 (0.19)
0.0256 (0.65)
BSC
0.0433 (1.10)
MAX
0.0079 (0.20)
0.0035 (0.090)
0.028 (0.70)
0.020 (0.50)
8
0
Charger Diode Selection
The diode shown in Figure 2 is used to prevent the battery from
discharging into the charger turn-on setting resistors, R1 and R2. A
Schottky diode is recommended to minimize the voltage difference
from the charger to the battery and the power dissipation. Choose
a diode with a current rating high enough to handle both the battery
charging current and the current the ADP3404 will draw if pow-
ered up during charging. The battery charging current is dependent
on the battery chemistry, and the charger circuit. The ADP3404
current will be dependent on the loading.
Printed Circuit Board Layout Considerations
Use the following general guidelines when designing printed
circuit boards:
1. Split the battery connection to the VBAT and SIMBAT pins
of the ADP3404. Use separate traces for each connection
and locate the input capacitors as close to the pins as possible.
2. SIM input and output capacitors should be returned to the
SIMGND and kept as close as possible to the ADP3404 to
minimize noise. Traces to the SIM charge pump capacitor
should be kept as short as possible to minimize noise.
3. VCCA and VTCXO capacitors should be returned to AGND.
4. VCC and VRTC capacitors should be returned to DGND.
5. Split the ground connections. Use separate traces or planes for
the analog, digital, and power grounds, and tie them together
at a single point, preferably close to the battery return.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com