Electronic Components Datasheet Search
  English  ▼

X  

ADP3405 Datasheet(PDF) 8 Page - Analog Devices

Part # ADP3405
Description  GSM Power Management System
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP3405 Datasheet(HTML) 8 Page - Analog Devices

Back Button ADP3405 Datasheet HTML 4Page - Analog Devices ADP3405 Datasheet HTML 5Page - Analog Devices ADP3405 Datasheet HTML 6Page - Analog Devices ADP3405 Datasheet HTML 7Page - Analog Devices ADP3405 Datasheet HTML 8Page - Analog Devices ADP3405 Datasheet HTML 9Page - Analog Devices ADP3405 Datasheet HTML 10Page - Analog Devices ADP3405 Datasheet HTML 11Page - Analog Devices ADP3405 Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
ADP3405
–8–
REV. 0
TIME – 200 s/DIV
ILOAD
I = 100mA
MLCC CAPS
VCC
I = 200 A
TPC 7. VCC Load Step
TIME – 100 s/DIV
I = 50 A
ILOAD
I = 130mA
MLCC CAPS
VCCA
TPC 8. VCCA Load Step
TIME – 50 s/DIV
PWRONIN AND ANALOGON (2V/DIV)
VCCA (100mV/DIV)
VTCXO (100mV/DIV)
VCC (100mV/DIV)
TPC 9. Turn-On Transients, Minimum Loads
TIME – 50 s/DIV
PWRONIN AND ANALOGON (2V/DIV)
VCCA (100mV/DIV)
REFOUT (100mV/DIV)
VCC (100mV/DIV)
VTCXO (100mV/DIV)
TPC 10. Turn-On Transients, Maximum Loads
FREQUENCY – Hz
80
70
0
4
100k
10
100
1k
10k
60
50
10
40
30
20
VTCXO
VCCA
VCC
REFOUT
MLCC OUTPUT CAPS
VBAT = 3.2V, FULL LOADS
TPC 11. Ripple Rejection vs. Frequency
VBAT – V
80
0
2.5
3.3
2.6
2.7
2.8
2.9
3.0
3.1
3.2
70
40
30
20
10
60
50
FREQUENCY = 217Hz
MAX LOADS
VTCXO
VCCA
REFOUT
VCC
TPC 12. Ripple Rejection vs. Battery Voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com