Electronic Components Datasheet Search
  English  ▼

X  

ADP3405 Datasheet(PDF) 12 Page - Analog Devices

Part # ADP3405
Description  GSM Power Management System
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP3405 Datasheet(HTML) 12 Page - Analog Devices

Back Button ADP3405 Datasheet HTML 4Page - Analog Devices ADP3405 Datasheet HTML 5Page - Analog Devices ADP3405 Datasheet HTML 6Page - Analog Devices ADP3405 Datasheet HTML 7Page - Analog Devices ADP3405 Datasheet HTML 8Page - Analog Devices ADP3405 Datasheet HTML 9Page - Analog Devices ADP3405 Datasheet HTML 10Page - Analog Devices ADP3405 Datasheet HTML 11Page - Analog Devices ADP3405 Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 12 / 12 page
background image
–12–
REV. 0
ADP3405
For the lowest ripple and best efficiency, use a 0.1
µF, ceramic
capacitor for the charge pump flying capacitor (CAP+ and CAP–).
A good quality dielectric, such as X7R is recommended.
Setting the Charger Turn-On Threshold
The ADP3405 can be turned on when the charger input exceeds
a programmable threshold voltage. The charger’s threshold and
hysteresis are set by selecting the values for R1 and R2 shown in
Figure 2.
The turn-on threshold for the charger is calculated using:
V
RR
RR
RV
CHR
HYS
HYS
T
=
+
×
×


+
×
2
2
11
Where VT is the CHRON threshold voltage and RHYS is the
CHRON hysteresis resistance.
The hysteresis is determined using:
V
V
R
R
HYS
T
HYS
=× 1
Combining the above equations and solving for R1 and R2 gives
the following formulas:
R
R
V
V
HYS
T
HYS
1
=×
R
RR
V
V
RR
HYS
CHR
T
HYS
2
1
11
=
×
−


×−
Example: R1 = 10 k
Ω and R2 = 30.2 kΩ gives a charger thresh-
old (not counting the drop in the power Schottky diode) of
3.5 V
± 160 mV with a 200 mV ± 30 mV hysteresis.
Charger Diode Selection
The diode shown in Figure 2 is used to prevent the battery from
discharging into the charger turn-on setting resistors, R1 and R2.
A Schottky diode is recommended to minimize the voltage differ-
ence from the charger to the battery and the power dissipation.
Choose a diode with a current rating high enough to handle both
the battery charging current and the current the ADP3405 will
draw if powered up during charging. The battery charging current
is dependent on the battery chemistry and the charger circuit.
The ADP3405 current will be dependent on the loading.
Printed Circuit Board Layout Considerations
Use the following general guidelines when designing printed
circuit boards:
1. Split the battery connection to the VBAT and SIMBAT
pins of the ADP3405. Use separate traces for each connection
and locate the input capacitors as close to the pins as possible.
2. SIM input and output capacitors should be returned to the
SIMGND and kept as close as possible to the ADP3405 to
minimize noise. Traces to the SIM charge pump capacitor
should be kept as short as possible to minimize noise.
3. VCCA and VTCXO capacitors should be returned to AGND.
4. VCC and VRTC capacitors should be returned to DGND.
5. Split the ground connections. Use separate traces or planes
for the analog, digital, and power grounds, and tie them
together at a single point, preferably close to the battery return.
OUTLINE DIMENSIONS
Dimensions shown in inches and (mm).
28-Lead Thin Shrink Small Outline (TSSOP)
(RU-28)
0.177 (4.50)
0.169 (4.30)
28
15
14
1
0.386 (9.80)
0.378 (9.60)
0.256 (6.50)
0.246 (6.25)
PIN 1
SEATING
PLANE
0.006 (0.15)
0.002 (0.05)
0.0118 (0.30)
0.0075 (0.19)
0.0256 (0.65)
BSC
0.0433 (1.10)
MAX
0.0079 (0.20)
0.0035 (0.090)
0.028 (0.70)
0.020 (0.50)
8
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com