Electronic Components Datasheet Search
  English  ▼

X  

ADP3405 Datasheet(PDF) 9 Page - Analog Devices

Part # ADP3405
Description  GSM Power Management System
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP3405 Datasheet(HTML) 9 Page - Analog Devices

Back Button ADP3405 Datasheet HTML 4Page - Analog Devices ADP3405 Datasheet HTML 5Page - Analog Devices ADP3405 Datasheet HTML 6Page - Analog Devices ADP3405 Datasheet HTML 7Page - Analog Devices ADP3405 Datasheet HTML 8Page - Analog Devices ADP3405 Datasheet HTML 9Page - Analog Devices ADP3405 Datasheet HTML 10Page - Analog Devices ADP3405 Datasheet HTML 11Page - Analog Devices ADP3405 Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
ADP3405
–9–
REV. 0
1
2
3
4
5
6
7
8
9
10
11
12
13
14
CHRON
ROWX
PWRONIN
ANALOGON
VCC
VBAT
VTCXO
RESET
AGND
VCCA
REFOUT
28
27
26
25
24
23
22
21
20
19
18
17
16
15
ADP3405
VRTC
CAP–
PWRONKEY
RESCAP
DGND
TSSOP-28
DIGITAL AND
SIM GND
ANALOG GND
SIM PINS
OF
GSM PROCESSOR
GSM
PROCESSOR
RST TO SIM CARD
I/O TO SIM CARD
CLK TO SIM CARD
10 F
100nF
BACK-UP
COIN CELL
100nF
GSM
PROCESSOR
CHARGER
INPUT
1 LI-ION
OR
3 NIMH
10 F
100nF
100nF
2.2 F
0.22 F
10
2.2 F
R1
R2
10 F
SIMBAT
DATAIO
RESETIN
CLKIN
SIMGND
CAP+
VSIM
CLK
SIMON
I/O
RST
SIMPROG
Figure 2. Typical Application Circuit
FREQUENCY – Hz
600
500
0
10
100k
100
1k
10k
400
300
200
100
FULL LOAD
MLCC CAPS
VCCA
TCXO
REF
TPC 13. Output Noise Density
THEORY OF OPERATION
The ADP3405 is a power management chip optimized for use with
the AD20msp425 GSM baseband chipsets in handset applications.
Figure 1 shows a functional block diagram of the ADP3405.
The ADP3405 contains several blocks:
• Four Low Dropout Regulators (Digital, Analog, Crystal
Oscillator, Real-Time Clock)
• Reset Generator
• Buffered Precision Reference
• SIM Interface Logic Level Translation (3 V/5 V)
• SIM Voltage Supply
• Power-On/-Off Logic
• Undervoltage Lockout
These functions have traditionally been done as either a discrete
implementation or a custom ASIC design. ADP3405 combines
the benefits of both worlds by providing an integrated standard
product solution where every block is optimized to operate in a
GSM environment while maintaining a cost-competitive solution.
Figure 2 shows the external circuitry associated with the ADP3405.
Only a few support components, mainly decoupling capacitors,
are required.
Input Voltage
The input voltage range for ADP3405 is 3 V to 7 V and optimized
for a single Li-Ion cell or three NiMH/NiCd cells. The thermal
impedance (
θ
JA) of the ADP3405 is 62
°C/W for 6-layer boards.
The charging voltage for a high capacity NiMH cell can be as high
as 5.5 V. Power dissipation should be calculated at maximum
ambient temperatures and battery voltage in order not to exceed
the 125
°C maximum allowable junction temperature. Figure 3
shows the maximum total LDO output current as a function of
ambient temperature and battery voltage.
However, high battery voltages normally occur only when the
battery is being charged and the handset is not in conversation
mode. In this mode there is a relatively light load on the LDOs.
A fully charged Li-Ion battery is 4.25 V, where the LDOs deliver
the maximum 240 mA up to the max 85
°C ambient temperature.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com