Electronic Components Datasheet Search
  English  ▼

X  

ITC137P Datasheet(PDF) 5 Page - IXYS Corporation

Part # ITC137P
Description  Integrated Telecom Circuits
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

ITC137P Datasheet(HTML) 5 Page - IXYS Corporation

  ITC137P Datasheet HTML 1Page - IXYS Corporation ITC137P Datasheet HTML 2Page - IXYS Corporation ITC137P Datasheet HTML 3Page - IXYS Corporation ITC137P Datasheet HTML 4Page - IXYS Corporation ITC137P Datasheet HTML 5Page - IXYS Corporation ITC137P Datasheet HTML 6Page - IXYS Corporation ITC137P Datasheet HTML 7Page - IXYS Corporation ITC137P Datasheet HTML 8Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
INTEGRATED CIRCUITS DIVISION
ITC137P
www.ixysic.com
5
R05
*The Performance data shown in the graphs above is typical of device performance. For guaranteed parameters not indicated in the written specifications, please contact our application
department.
RELAY PERFORMANCE DATA (cont)*
Typical Turn-On Time
vs. LED Forward Current
(I
L=120mADC)
LED Forward Current (mA)
0
5
1015202530354045
2.0
1.8
1.6
1.4
1.2
1.0
0.8
0.6
0.4
0.2
0
50
Typical Turn-Off Time
vs LED Forward Current
(I
L=120mADC)
LED Forward Current (mA)
0
5
1015202530354045
0.18
0.16
0.14
0.12
0.10
0.08
0.06
0.04
50
Typical On-Resistance
vs. Temperature
(I
F=5mA, IL=120mADC)
Temperature (ºC)
-40
60
50
40
30
20
10
0
-20
0
20
40
60
80
100
Typical Turn-On Time
vs. Temperature
(I
L=120mADC)
Temperature (ºC)
-40
3.0
2.5
2.0
1.5
1.0
0.5
0
-20
0
20
40
60
80
100
I
F=5mA
I
F=10mA
I
F=20mA
Typical Turn-Off Time
vs. Temperature
(I
F=5mA, IL=120mADC)
Temperature (ºC)
-40
0.30
0.25
0.20
0.15
0.10
0.05
0
-20
0
20
40
60
80
100
Load Current
vs. Ambient Temperature
(I
F=5mA)
Temperature (ºC)
-40
100
75
50
25
0
025
50
85
Typical I
F for Switch Operation
vs. Temperature
(I
L=120mADC)
Temperature (ºC)
-40
1.8
1.6
1.4
1.2
1.0
0.8
0.6
0.4
0.2
0
-20
0
20
40
60
80
100
Typical I
F for Switch Dropout
vs. Temperature
(I
L=120mADC)
Temperature (ºC)
-40
1.8
1.6
1.4
1.2
1.0
0.8
0.6
0.4
0.2
0
-20
0
20
40
60
80
100
Load Current vs. Load Voltage
(I
F=5mA, TA=25ºC)
Load Voltage (V)
200
150
100
50
0
-50
-100
-150
-200
-2.0 -1.5
-1.0
-0.5
0
0.5
1.0
2.0
1.5
Typical Blocking Voltage
vs. Temperature
Temperature (ºC)
-40
415
410
405
400
395
390
385
380
-20
0
20
40
60
80
100
Typical Leakage vs. Temperature
Measured Across Pins 15&16
Temperature (ºC)
-40
0.10
0.09
0.08
0.07
0.06
0.05
0.04
0.03
0.02
0.01
0
-20
0
20
40
60
80
100
Energy Rating Curve
Time
10 s
1.2
1.0
0.8
0.6
0.4
0.2
0
1ms
100 s
100ms
1s
10ms
10s
100s



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com