Electronic Components Datasheet Search
  English  ▼

X  

ITC137P Datasheet(PDF) 6 Page - IXYS Corporation

Part # ITC137P
Description  Integrated Telecom Circuits
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

ITC137P Datasheet(HTML) 6 Page - IXYS Corporation

  ITC137P Datasheet HTML 1Page - IXYS Corporation ITC137P Datasheet HTML 2Page - IXYS Corporation ITC137P Datasheet HTML 3Page - IXYS Corporation ITC137P Datasheet HTML 4Page - IXYS Corporation ITC137P Datasheet HTML 5Page - IXYS Corporation ITC137P Datasheet HTML 6Page - IXYS Corporation ITC137P Datasheet HTML 7Page - IXYS Corporation ITC137P Datasheet HTML 8Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
INTEGRATED CIRCUITS DIVISION
www.ixysic.com
6
R05
ITC137P
* The Performance data shown in the graphs above is typical of device performance. For guaranteed parameters not indicated in the written specifications, please contact our application
department.
PHOTOTRANSISTOR PERFORMANCE DATA*
DARLINGTON PERFORMANCE DATA*
0
0
8
4
16
12
24
20
28
12
3
4
5
6
78
910
I
F=1mA
I
F=10mA
I
F=5mA
I
F=2mA
Typical Transfer Characteristics of
Single Transistor Detector
Collector Emitter Voltage
Single Transistor
Typical Normalized CTR vs. Temperature
(V
CE=0.5V)
Temperature (ºC)
8
7
6
5
4
3
2
1
0
-40
-20
0
20
40
60
80
120
100
I
F=1mA
I
F=2mA
I
F=5mA
I
F=10mA
I
F=15mA
I
F=20mA
Single Transistor
Typical Normalized CTR vs. I
F
(V
CE=0.5V)
Forward Current (mA)
0
2468
10
12
14
16
18
4.5
4.0
3.5
3.0
2.5
2.0
1.5
1.0
0.5
0
20
Single Transistor
Typical I
C vs. IF
(V
CE=0.5V)
Forward Current (mA)
0
2468
12
10
14
16
18
20
12
10
8
6
4
2
0
Darlington Transistor
Typical I
C vs. IF
(V
CE=0.5V)
Forward Current (mA)
0
2468
12
10
14
16
18
20
16
14
12
10
8
6
4
2
0
Darlington Transistor
Typical Normalized CTR vs. I
F
(V
CE=0.8V)
Forward Current (mA)
0
2468
10
12
14
16
18
2.5
2.0
1.5
1.0
0.5
0
20
Darlington Transistor
Typical Normalized CTR vs. Temperature
(V
CE=0.8V)
Temperature (ºC)
-40
3.0
2.5
2.0
1.5
1.0
0.5
0
-20
0
20
40
60
80
100
I
F=1mA
I
F=2mA
I
F=5mA
I
F=10mA
I
F=15mA
I
F=20mA
Typical Transfer Characteristics
of Darlington Transistor
Collector Emitter Voltage
0
2
468
10
20
40
60
80
100
120
Ib=2 A
Ib=4 A
Ib=6 A
Ib=8 A
Ib=10 A
V-I Characteristics for Test Circuit
IOUT (mA)
20
10
9
8
7
6
5
4
40
60
80
100
120



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com