Electronic Components Datasheet Search
  English  ▼

X  

ITC137P Datasheet(PDF) 1 Page - IXYS Corporation

Part # ITC137P
Description  Integrated Telecom Circuits
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

ITC137P Datasheet(HTML) 1 Page - IXYS Corporation

  ITC137P Datasheet HTML 1Page - IXYS Corporation ITC137P Datasheet HTML 2Page - IXYS Corporation ITC137P Datasheet HTML 3Page - IXYS Corporation ITC137P Datasheet HTML 4Page - IXYS Corporation ITC137P Datasheet HTML 5Page - IXYS Corporation ITC137P Datasheet HTML 6Page - IXYS Corporation ITC137P Datasheet HTML 7Page - IXYS Corporation ITC137P Datasheet HTML 8Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
INTEGRATED CIRCUITS DIVISION
ITC137P
Integrated Telecom Circuits
www.ixysic.com
DS-ITC137P-R05
1
e3
Pb
Applications
Features
Description
Approvals
Ordering Information
Pin Configuration
• Data/Fax Modem
• Voice Mail Systems
• Telephone Sets
• Computer Telephony Integration
• Set Top Box Modems
• 3750V
rms Input/Output Isolation
• FCC Compatible Part 68
• Full-Wave Bridge Rectifier
• Darlington Transistor for Electronic Inductor “Dry”
Circuits
• Full Wave Current Detector for Ring Signal or Loop
Current Detect
• 2mW Hook Switch Drive Power (Logic Compatible)
• Includes Zener Diodes
• Small 16-Pin SOIC Package (PCMCIA Compatible)
• Board Space and Cost Savings
• No Moving Parts
• JEDEC Standard Pin Out
• UL Recognized Component: File E76270
• CSA Certified Component: Certificate 1305490
• EN/IEC 60950-1 Certified Component:
TUV Certificate: B 09 07 49410 006
Parameter
Rating
Units
Relay Load Voltage
350
V
Relay Load Current
120
mA
rms / mADC
Relay On-Resistance (max)
15
Bridge Rectifier Reverse Voltage
100
V
Darlington Collector Current
120
mA
Darlington Current Gain
10,000
-
Part #
Description
ITC137P
16-Pin SOIC (50/Tube)
ITC137PTR
16-Pin SOIC (1000/Reel)
ITC137P
PV
1
2
3
4
16
15
14
13
5
6
7
8
(N/C)
– LED - Form A Relay
– LED - Form A Relay
+ Zener Diode (cathode)
– Zener Diode (anode)
+ Zener Diode (cathode)
Collector - Phototransistor
Emitter - Phototransistor
Output Form A
Output Form A/Bridge Input –/+
Darlington Base
Darlington Emitter
Bridge Output +/Darlington Collector/
+ Zener Diode (cathode)
Bridge Output –/– Zener Diode (anode)
LED - Phototransistor –/+
LED - Phototransistor +/–
** Denotes full-wave detection
**
12
11
10
9
This Integrated Telecom Circuit combines a single-pole,
normally open (1-Form-A) solid state relay, a bridge
rectifier, a Darlington transistor, an optocoupler, and
three Zener diodes into one 16-pin SOIC package,
consolidating designs and reducing component count
in telecom applications.
The ITC137’s optocoupler provides for full-wave
detection of ringing signals.
Switching Characteristics
of Normally Open Devices
Form-A
I
F
I
LOAD
10%
90%
t
on
t
off


Similar Part No. - ITC137P

ManufacturerPart #DatasheetDescription
logo
Clare, Inc.
ITC137P CLARE-ITC137P Datasheet
450Kb / 8P
Integrated Telecom Circuits
ITC137PTR CLARE-ITC137PTR Datasheet
450Kb / 8P
Integrated Telecom Circuits
More results

Similar Description - ITC137P

ManufacturerPart #DatasheetDescription
logo
Clare, Inc.
IAB110P CLARE-IAB110P Datasheet
405Kb / 7P
Integrated Telecom Circuits
IAD110P CLARE-IAD110P Datasheet
399Kb / 6P
Integrated Telecom Circuits
IAD112N CLARE-IAD112N Datasheet
375Kb / 4P
Integrated Telecom Circuits
IBB110P CLARE-IBB110P Datasheet
383Kb / 6P
Integrated Telecom Circuits
ITC117P CLARE-ITC117P Datasheet
421Kb / 8P
Integrated Telecom Circuits
ITC135P CLARE-ITC135P Datasheet
415Kb / 8P
Integrated Telecom Circuits
ITC137P CLARE-ITC137P Datasheet
450Kb / 8P
Integrated Telecom Circuits
IAA110P CLARE-IAA110P_1 Datasheet
215Kb / 5P
Integrated Telecom Circuits
logo
IXYS Corporation
IBB110P IXYS-IBB110P_12 Datasheet
123Kb / 7P
Integrated Telecom Circuits
ITC117PL IXYS-ITC117PL Datasheet
134Kb / 8P
Integrated Telecom Circuits
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com