Electronic Components Datasheet Search
  English  ▼

X  

ADUC836 Datasheet(PDF) 39 Page - Analog Devices

Part # ADUC836
Description  MicroConverter, Dual 16-Bit/24- Bit ADCs with Embedded 62 kB Flash MCU
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADUC836 Datasheet(HTML) 39 Page - Analog Devices

Back Button ADUC836 Datasheet HTML 35Page - Analog Devices ADUC836 Datasheet HTML 36Page - Analog Devices ADUC836 Datasheet HTML 37Page - Analog Devices ADUC836 Datasheet HTML 38Page - Analog Devices ADUC836 Datasheet HTML 39Page - Analog Devices ADUC836 Datasheet HTML 40Page - Analog Devices ADUC836 Datasheet HTML 41Page - Analog Devices ADUC836 Datasheet HTML 42Page - Analog Devices ADUC836 Datasheet HTML 43Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 80 page
background image
REV. A
ADuC834
–39–
Table XVII. PLLCON SFR Bit Designations
Bit
Name
Description
7
OSC_PD
Oscillator Power-Down Bit.
Set by user to halt the 32 kHz oscillator in power-down mode.
Cleared by user to enable the 32 kHz oscillator in power-down mode.
This feature allows the TIC to continue counting even in power-down mode.
6
LOCK
PLL Lock Bit. This is a read-only bit.
Set automatically at power-on to indicate the PLL loop is correctly tracking the crystal clock. After
power down, this bit can be polled to wait for the PLL to lock.
Cleared automatically at power-on to indicate the PLL is not correctly tracking the crystal clock.
This may be due to the absence of a crystal clock or an external crystal at power-on. In this mode,
the PLL output can be 12.58 MHz
± 20%. After the ADuC834 wakes up from power-down,
user code may poll this bit, to wait for the PLL to lock. If LOCK = 0, then the PLL is not locked.
5
–––
Reserved for Future Use; Should Be Written with ‘0’
4
LTEA
Reading this bit returns the state of the external
EA pin latched at reset or power-on.
3
FINT
Fast Interrupt Response Bit.
Set by user enabling the response to any interrupt to be executed at the fastest core clock frequency,
regardless of the configuration of the CD2–0 bits (see below). After user code has returned from an
interrupt, the core resumes code execution at the core clock selected by the CD2–0 bits.
Cleared by user to disable the fast interrupt response feature.
2
CD2
CPU (Core Clock) Divider Bits.
1
CD1
This number determines the frequency at which the microcontroller core will operate.
0
CD0
CD2
CD1
CD0
Core Clock Frequency (MHz)
000
12.582912
001
6.291456
010
3.145728
011
1.572864 (Default Core Clock Frequency)
100
0.786432
101
0.393216
110
0.196608
111
0.098304
ON-CHIP PLL
The ADuC834 is intended for use with a 32.768 kHz watch
crystal. A PLL locks onto a multiple (384) of this to provide a
stable 12.582912 MHz clock for the system. The core can oper-
ate at this frequency, or at binary submultiples of it, to allow
power saving in cases where maximum core performance is not
PLLCON
PLL Control Register
SFR Address
D7H
Power-On Default Value
03H
Bit Addressable
No
required. The default core clock is the PLL clock divided by 8
or 1.572864 MHz. The ADC clocks are also derived from the
PLL clock, with the modulator rate being the same as the crys-
tal oscillator frequency. The above choice of frequencies ensures
that the modulators and the core will be synchronous, regardless
of the core clock rate. The PLL control register is PLLCON.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com