Electronic Components Datasheet Search
  English  ▼

X  

ADUC836 Datasheet(PDF) 77 Page - Analog Devices

Part # ADUC836
Description  MicroConverter, Dual 16-Bit/24- Bit ADCs with Embedded 62 kB Flash MCU
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADUC836 Datasheet(HTML) 77 Page - Analog Devices

Back Button ADUC836 Datasheet HTML 72Page - Analog Devices ADUC836 Datasheet HTML 73Page - Analog Devices ADUC836 Datasheet HTML 74Page - Analog Devices ADUC836 Datasheet HTML 75Page - Analog Devices ADUC836 Datasheet HTML 76Page - Analog Devices ADUC836 Datasheet HTML 77Page - Analog Devices ADUC836 Datasheet HTML 78Page - Analog Devices ADUC836 Datasheet HTML 79Page - Analog Devices ADUC836 Datasheet HTML 80Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 77 / 80 page
background image
REV. A
ADuC834
–77–
Parameter
Min
Typ
Max
Unit
Figure
SPI SLAVE MODE TIMING (CPHA = 1)
tSS
SS to SCLOCK Edge
0
ns
77
tSL
SCLOCK Low Pulsewidth
330
ns
77
tSH
SCLOCK High Pulsewidth
330
ns
77
tDAV
Data Output Valid after SCLOCK Edge
50
ns
77
tDSU
Data Input Setup Time before SCLOCK Edge
100
ns
77
tDHD
Data Input Hold Time after SCLOCK Edge
100
ns
77
tDF
Data Output Fall Time
10
25
ns
77
tDR
Data Output Rise Time
10
25
ns
77
tSR
SCLOCK Rise Time
10
25
ns
75
tSF
SCLOCK Fall Time
10
25
ns
77
tSFS
SS High after SCLOCK Edge
0
ns
77
SCLOCK
(CPOL = 0)
SCLOCK
(CPOL = 1)
MISO
MOSI
SS
MSB IN
BITS 6–1
LSB IN
LSB
BITS 6–1
MSB
t
DHD
t
DSU
t
DF
t
DR
t
SL
t
SH
t
DAV
t
SR
t
SF
t
SFS
t
SS
Figure 77. SPI Slave Mode Timing (CPHA = 1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com